Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC2543CDBLE Datasheet(PDF) 7 Page - Texas Instruments

Part # TLC2543CDBLE
Description  12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2543CDBLE Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC2543CDBLE Datasheet HTML 3Page - Texas Instruments TLC2543CDBLE Datasheet HTML 4Page - Texas Instruments TLC2543CDBLE Datasheet HTML 5Page - Texas Instruments TLC2543CDBLE Datasheet HTML 6Page - Texas Instruments TLC2543CDBLE Datasheet HTML 7Page - Texas Instruments TLC2543CDBLE Datasheet HTML 8Page - Texas Instruments TLC2543CDBLE Datasheet HTML 9Page - Texas Instruments TLC2543CDBLE Datasheet HTML 10Page - Texas Instruments TLC2543CDBLE Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
TLC2543C, TLC2543I, TLC2543M
12-BIT ANALOG-TO-DIGITAL CONVERTERS
WITH SERIAL CONTROL AND 11 ANALOG INPUTS
SLAS079F – DECEMBER 1993 – REVISED NOVEMBER 2001
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
_
+
C2
0.1
µF
C1
10
µF
C3
470 pF
50
Ω
15 V
50
Ω
– 15 V
VI
AIN0 – AIN10
TLC2543
10
Ω
U1
C1
10
µF
C3
470 pF
C2
0.1
µF
LOCATION
U1
C1
C2
C3
DESCRIPTION
OP27
10-
µF 35-V tantalum capacitor
0.1-
µF ceramic NPO SMD capacitor
470-pF porcelain Hi-Q SMD capacitor
PART NUMBER
—
—
AVX 12105C104KA105 or equivalent
Johanson 201S420471JG4L or equivalent
Figure 1. Analog Input Buffer to Analog Inputs AIN0 – AIN10
EOC
CL = 50 pF
12 k
Ω
DATA OUT
Test Point
VCC
RL = 2.18 kΩ
CL = 100 pF
12 k
Ω
Test Point
VCC
RL = 2.18 kΩ
Figure 2. Load Circuits
CS
DATA
OUT
2.4 V
0.4 V
90%
10%
tPZH, tPZL
tPHZ, tPLZ
0.8 V
2 V
Figure 3. DATA OUT to Hi-Z Voltage Waveforms
DATA INPUT
th(A)
0.8 V
2 V
I/O CLOCK
Data
Valid
tsu(A)
0.8 V
Figure 4. DATA INPUT and I/O CLOCK
Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com