Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC2543CDBLE Datasheet(PDF) 2 Page - Texas Instruments

Part # TLC2543CDBLE
Description  12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2543CDBLE Datasheet(HTML) 2 Page - Texas Instruments

  TLC2543CDBLE Datasheet HTML 1Page - Texas Instruments TLC2543CDBLE Datasheet HTML 2Page - Texas Instruments TLC2543CDBLE Datasheet HTML 3Page - Texas Instruments TLC2543CDBLE Datasheet HTML 4Page - Texas Instruments TLC2543CDBLE Datasheet HTML 5Page - Texas Instruments TLC2543CDBLE Datasheet HTML 6Page - Texas Instruments TLC2543CDBLE Datasheet HTML 7Page - Texas Instruments TLC2543CDBLE Datasheet HTML 8Page - Texas Instruments TLC2543CDBLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
TLC2543C, TLC2543I, TLC2543M
12-BIT ANALOG-TO-DIGITAL CONVERTERS
WITH SERIAL CONTROL AND 11 ANALOG INPUTS
SLAS079F – DECEMBER 1993 – REVISED NOVEMBER 2001
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
AVAILABLE OPTIONS
PACKAGE
TA
SMALL OUTLINE
PLASTIC CHIP
CARRIER
CERAMIC DIP
PLASTIC DIP
(DB)†
(DW)†
(FN)†
(J)
(N)
0
°C to 70°C
TLC2543CDB
TLC2543CDW
TLC2543CFN
—
TLC2543CN
– 40
°C to 85°C
TLC2543IDB
TLC2543IDW
TLC2543IFN
—
TLC2543IN
– 55
°C to 125°C
—
—
—
TLC2543MJ
—
† Available in tape and reel and ordered as the TLC2543CDBLE, TLC2543IDBR, TLC2543CDWR, TLC2543IDWR, TLC2543CFNR, or
TLC2543IFNR.
functional block diagram
14-Channel
Analog
Multiplexer
Sample-and-
Hold
Function
12-Bit
Analog-to-Digital
Converter
(Switched Capacitors)
Self-Test
Reference
Output
Data
Register
12-to-1 Data
Selector and
Driver
Control Logic
and I/O
Counters
Input Address
Register
4
12
12
4
REF +
REF –
DATA
OUT
DATA
INPUT
I/O CLOCK
CS
3
EOC
17
18
15
AIN0
AIN1
AIN2
AIN3
AIN4
AIN5
AIN6
AIN7
AIN8
AIN9
AIN10
1
2
3
4
5
6
7
8
9
11
12
14
13
16
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com