Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC2543CDBLE Datasheet(PDF) 21 Page - Texas Instruments

Part # TLC2543CDBLE
Description  12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2543CDBLE Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLC2543CDBLE Datasheet HTML 17Page - Texas Instruments TLC2543CDBLE Datasheet HTML 18Page - Texas Instruments TLC2543CDBLE Datasheet HTML 19Page - Texas Instruments TLC2543CDBLE Datasheet HTML 20Page - Texas Instruments TLC2543CDBLE Datasheet HTML 21Page - Texas Instruments TLC2543CDBLE Datasheet HTML 22Page - Texas Instruments TLC2543CDBLE Datasheet HTML 23Page - Texas Instruments TLC2543CDBLE Datasheet HTML 24Page - Texas Instruments TLC2543CDBLE Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
TLC2543C, TLC2543I, TLC2543M
12-BIT ANALOG-TO-DIGITAL CONVERTERS
WITH SERIAL CONTROL AND 11 ANALOG INPUTS
SLAS079F – DECEMBER 1993 – REVISED NOVEMBER 2001
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
simplified analog input analysis
Using the equivalent circuit in Figure 18, the time required to charge the analog input capacitance from 0 V to
VS within 1/2 LSB can be derived as follows:
The capacitance charging voltage is given by
(1)
Where:
Rt = Rs + ri
V
C +
V
S
1–e
–tc RtCi
The final voltage to 1/2 LSB is given by
(2)
VC (1/2 LSB) = VS – (VS/8192)
Equating equation 1 to equation 2 and solving for time tc gives
(3)
and
tc (1/2 LSB) = Rt × Ci × ln(8192)
(4)
V
S *
V
S
8192
+ V
S
1–e
–tc RtCi
Therefore, with the values given, the time for the analog input signal to settle is
(5)
tc (1/2 LSB) = (Rs + 1 kΩ) × 60 pF × ln(8192)
This time must be less than the converter sample time shown in the timing diagrams.
Rs
ri
VS
VC
60 pF Max
1 k
Ω Max
Driving Source†
TLC2543
Ci
VI
VI = Input Voltage at AIN
VS = External Driving Source Voltage
Rs = Source Resistance
ri = Input Resistance
Ci = Input Capacitance
VC= Capacitance Charging Voltage
† Driving source requirements:
• Noise and distortion for the source must be equivalent to the
resolution of the converter.
• Rs must be real at the input frequency.
Figure 18. Equivalent Input Circuit Including the Driving Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com