Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP723APP Datasheet(PDF) 2 Page - Littelfuse

Part # SP723APP
Description  5pF 8kV Diode Array
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP723APP Datasheet(HTML) 2 Page - Littelfuse

  SP723APP Datasheet HTML 1Page - Littelfuse SP723APP Datasheet HTML 2Page - Littelfuse SP723APP Datasheet HTML 3Page - Littelfuse SP723APP Datasheet HTML 4Page - Littelfuse SP723APP Datasheet HTML 5Page - Littelfuse SP723APP Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
©2012 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/SPA for current information.
76
TVS Diode Arrays (SPA™Family of Products)
Revision: March 20, 2012
SP723 Lead-Free/Green Series
General Purpose ESD Protection - SP723 Series
Absolute Maximum Ratings
Parameter
Rating
Units
Continuous Supply Voltage, (V+) - (V-)
+35
V
Forward Peak Current, I
IN to VCC, IIN to GND
(Refer to Figure 5)
±4, 100μs
A
Peak Pulse Current, 8/20μs
±7
A
Electrical Characteristics T
A
= -40
oC to 105oC, V
IN
= 0.5V
CC
, Unless Otherwise Specified
Thermal Information
Parameter
Rating
Units
Thermal Resistance (Typical, Note 1)
T
JA
oC/W
PDIP Package
160
oC/W
SOIC Package
170
oC/W
Storage Temperature Range
-65 to 150
oC
Maximum Junction Temperature (Plastic
Package)
150
oC
Lead Temperature
(Soldering 20-40s) (SOIC Lead Tips Only)
260
oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress only rating and operation of the device
at these or any other conditions above those indicated in the operational sections of this
specification is not implied.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Operating Voltage Range,
V
SUPPLY =[(V+)-(V-)]
V
SUPPLY
-
2 to 30
-
V
Forward Voltage Drop
IN to V-
V
FWDL
I
IN=2A(Peak Pulse)
-
2
-
V
IN to V+
V
FWDH
-2-
V
Input Leakage Current
I
IN
-20
5
20
nA
Quiescent Supply Current
I
QUIESCENT
-50
200
nA
Equivalent SCR ON Threshod
Note 3
-
1.1
-
V
Equivalent SCR ON Resistance
V
FWD/IFWD; Note 3
-
0.5
-
Ω
Input Capacitance
C
IN
-5-
PF
Input Switching Speed
t
ON
-2-
ns
Note:
ESD Ratings and Capability (Figure 1, Table 1)
Load Dump and Reverse Battery (Note 2)
1.
T
JA is measured with the component mounted on an evaluation PC board in free air.
Notes:
2. In automotive ans battery operated systems, the power supply lines should be externally protected for load dump and reverse battery. When the V+ and V- Pins are connected to the same
supply voltage source as the device or control line under protection, acurrent limiting resistor should be connectied in series between the external supply and the SP723 supply pins to
limit reverse battery current to within the rated maximum limits. Bypass capacitors of typically 0.01μF or larger from the V+ and V- Pins to ground are recommended.
3. Refer to the Figure 3 graph for determine peak current and dessipation under EOS conditions.
+VCC
INPUT
DRIVERS
SP723 INPUT PROTECTION CIRCUIT (1 OF 6 SHO WN)
OR
SIGNAL
SOURCES
IN 5 - 7
IN 1 - 3
SP723
V-
TO +VCC
LINEAR OR
DIGITAL IC
INTERFACE
V+
+VCC
(Application as an Input Clamp for Over-voltage, Greater than 1V
BE
Above V+ or less than -1V
BE below V-)
Typical Application of the SP723



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com