Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP723APP Datasheet(PDF) 6 Page - Littelfuse

Part # SP723APP
Description  5pF 8kV Diode Array
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP723APP Datasheet(HTML) 6 Page - Littelfuse

  SP723APP Datasheet HTML 1Page - Littelfuse SP723APP Datasheet HTML 2Page - Littelfuse SP723APP Datasheet HTML 3Page - Littelfuse SP723APP Datasheet HTML 4Page - Littelfuse SP723APP Datasheet HTML 5Page - Littelfuse SP723APP Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
©2012 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/SPA for current information.
80
TVS Diode Arrays (SPA™Family of Products)
Revision: March 20, 2012
SP723 Lead-Free/Green Series
General Purpose ESD Protection - SP723 Series
Part Numbering System
Lead Plating
Matte Tin
Lead Material
Copper Alloy
Lead Coplanarity
0.004 inches (0.102mm)
Substitute Material
Silicon
Body Material
Molded Epoxy
Flammability
UL 94 V-0
Product Characteristics
Ordering Information
Package Dimensions — Small Outline Plastic Packages (SOIC)
Notes:
1.
Symbols are defined in the “MO Series Symbol List” in Section 2.2 of
Publication Number 95.
2. Dimensioning and tolerancing per ANSI Y14.5M-1982.
3. Dimension “D” does not include mold flash, protrusions or gate burrs. Mold
flash, protrusion and gate burrs shall not exceed 0.15mm (0.006 inch) per side.
4. Dimension “E” does not include interlead flash or protrusions. Inter-lead flash
and protrusions shall not exceed 0.25mm (0.010 inch) per side.
5. The chamfer on the body is optional. If it is not present, a visual index feature
must be located within the crosshatched area.
6. “L” is the length of terminal for soldering to a substrate.
7.
“N” is the number of terminal positions.
8. Terminal numbers are shown for reference only.
9. The eadl width “B”, as measured 0.36mm (0.014 inch) or greater above the
seating plane, shall not exceed a maximum value of 0.61mm (0.024 inch).
10. Controlling dimension:MILLIMETER. Converted inch dimensions are not
necessarily exact.
Package
SOIC
Pins
8
JEDEC
MS-012
Millimeters
Inches
Notes
Min
Max
Min
Max
A
1.35
1.75
0.0532
0.0688
-
A1
0.10
0.25
0.0040
0.0098
-
B
0.33
0.51
0.013
0.020
9
C
0.19
0.25
0.0075
0.0098
-
D
4.80
5.00
0.1890
0.1968
3
E
3.80
4.00
0.1497
0.1574
4
e
1.27 BSC
0.050 BSC
-
H
5.80
6.20
0.2284
0.2440
-
h
0.25
0.50
0.0099
0.0196
5
L
0.40
1.27
0.016
0.050
6
N
88
7
μ
0º
8º
0º
8º
-
INDEX
AREA
E
D
N
12
3
-B-
0.25(0.010)
C A
M
BS
e
-A-
L
B
M
-C-
A1
A
SEATING PLANE
0.10(0.004)
h x 45o
C
H
0.25(0.010)
B
M
M
μ
Part Number
Temp. Range (ºC)
Package
Environmental
Informaton
Marking
Min. Order
SP723APP
-40 to 105
8 Ld PDIP
Lead-free
SP723AP(P) 1
2000
SP723ABG
-40 to 105
8 Ld SOIC
Green
SP723A(B)G 2
1960
SP723ABTG
-40 to 105
8 Ld SOIC Tape and Reel
Green
SP723A(B)G 2
2500
SP 723
Series
Package
P=Lead Free
T= Tape and Reel
AB = 8 Ld SOIC
AP = 8 Ld PDIP
G=Green
Silicon Protection
Array (SPATM)
Family of
TVS Diode Arrays
** * *
Notes:
1. SP723AP(P) means device marking either SP723AP or SP723APP.
2. SP723A(B)G means device marking either SP723AG or SP723ABG which are good for types SP723ABG and SP723ABTG.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com