Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP723APP Datasheet(PDF) 4 Page - Littelfuse

Part # SP723APP
Description  5pF 8kV Diode Array
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP723APP Datasheet(HTML) 4 Page - Littelfuse

  SP723APP Datasheet HTML 1Page - Littelfuse SP723APP Datasheet HTML 2Page - Littelfuse SP723APP Datasheet HTML 3Page - Littelfuse SP723APP Datasheet HTML 4Page - Littelfuse SP723APP Datasheet HTML 5Page - Littelfuse SP723APP Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
©2012 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/SPA for current information.
78
TVS Diode Arrays (SPA™Family of Products)
Revision: March 20, 2012
SP723 Lead-Free/Green Series
General Purpose ESD Protection - SP723 Series
Peak Transient Current Capability of the SP723
The peak transient current capability rises sharply as the
width of the current pulse narrows. Destructive testing
was done to fully evaluate the SP723’s ability to withstand
a wide range of peak current pulses vs time. The circuit
used to generate current pulses is shown in Figure 4.
The test circuit of Figure 4 is shown with a positive pulse
input. For a negative pulse input, the (-) current pulse input
goes to an SP723 ‘IN’ input pin and the (+) current pulse
input goes to the SP723 V- pin. The V+ to V- supply of the
SP723 must be allowed to float. (i.e., It is not tied to the
ground reference of the current pulse generator.) Figure
5 shows the point of overstress as defined by increased
leakage in excess of the data sheet published limits.
The maximum peak input current capability is dependent
on the ambient temperature, improving as the temperature
is reduced. Peak current curves are shown for ambient
temperatures of 25ºC and 105ºC and a 15V power supply
condition. The safe operating range of the transient peak
current should be limited to no more than 75% of the
measured overstress level for any given pulse width as
shown in the curves of Figure 5.
Note that adjacent input pins of the SP723 may be
paralleled to improve current (and ESD) capability. The
sustained peak current capability is increased to nearly
twice that of a single pin.
+
-
CURRENT
SENSE
VOLTAGE
PROBE
6
7
8
5
1
2
3
4
IN
IN
IN
V-
V+
IN
IN
IN
+
-
R1 ~ 10 TYPICAL
SP723
VX
VX ADJ. 10V/ATYPICAL
R1
(
-)
(+)
C1 ~ 100 μF
C1
VARIABLE TIME DURATION
CURRENT PULSE GENERA TOR
0.001
0.01
0.1
1
10
14
12
10
8
6
4
2
0
100
1000
CAUTION: SAFE OPERATING CONDITIONS LIMIT
THE MAXIMUM PEAK CURRENT FOR A GIVEN
PULSE WIDTH TO BE NO GREATER THAN 75%
OF THE VALUES SHOWN ON EACH CURVE.
V+ TO V-SUPPLY = 15V
T
A = 25°C
T
A = 105°C
PULSE WIDTH TIME (ms)
Showing the Measured Point of Overstress in Amperes vs pulse
width time in milliseconds
Figure 5: SP723 Typical Single Peak Current Pulse
Capability
Figure 4: Typical SP723 Peak Current Test Circuit
with a Variable Pulse Width Input



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com