Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3650 Datasheet(PDF) 1 Page - Texas Instruments

Part # 3650
Description  Optically-Coupled Linear ISOLATION AMPLIFIERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

3650 Datasheet(HTML) 1 Page - Texas Instruments

  3650 Datasheet HTML 1Page - Texas Instruments 3650 Datasheet HTML 2Page - Texas Instruments 3650 Datasheet HTML 3Page - Texas Instruments 3650 Datasheet HTML 4Page - Texas Instruments 3650 Datasheet HTML 5Page - Texas Instruments 3650 Datasheet HTML 6Page - Texas Instruments 3650 Datasheet HTML 7Page - Texas Instruments 3650 Datasheet HTML 8Page - Texas Instruments 3650 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
®
3650/52
3650
3652
Optically-Coupled Linear
ISOLATION AMPLIFIERS
FEATURES
q BALANCED INPUT
q LARGE COMMON-MODE VOLTAGES:
±2000V Continuous
140dB Rejection
q ULTRA LOW LEAKAGE:
0.35
µA max at 240V/60Hz
1.8pF Leakage Capacitance
q EXCELLENT GAIN ACCURACY:
0.05% Linearity
0.05%/1000 Hrs Stability
q WIDE BANDWIDTH:
15kHz
±3dB
1.2V/
µs Slew Rate
APPLICATIONS
q INDUSTRIAL PROCESS CONTROL
q DATA ACQUISITION
q INTERFACE ELEMENT
q BIOMEDICAL MEASUREMENTS
q PATIENT MONITORING
q TEST EQUIPMENT
q CURRENT SHUNT MEASUREMENT
q GROUND-LOOP ELIMINATION
q SCR CONTROLS
DESCRIPTION
The 3650 and 3652 are optically coupled integrated
circuit isolation amplifiers. Prior to their introduction
commercially available isolation amplifiers had been
modular or rack mounted devices using transformer
coupled modulation demodulation techniques.
Compared to these earlier isolation amplifiers, the
3650 and 3652 have the advantage of smaller size,
lower cost, wider bandwidth and integrated circuit
reliability. Also, because they use a DC analog modu-
lation technique as opposed to a carrier-type tech-
nique, they avoid the problems of electro-
magnetic interference (both transmitted and received)
that most of the modular isolation amplifiers exhibit.
A
1
A
1
11
10
8
9
Light
Flux
Coupling
23
A
3
A
4
1.6M
Ω
1.6M
Ω
R
G1
R
G2
R
IN
3652 Only
Common to 3650 and 3652
3
1
6
4
®
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
©1976 Burr-Brown Corporation
PDS-342L
Printed in U.S.A. August, 1997
SBOS129


Similar Part No. - 3650

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
3650 BURR-BROWN-3650 Datasheet
127Kb / 13P
Optically-Coupled Linear ISOLATION AMPLIFIERS
logo
RHOPOINT COMPONENTS
3650 RHOPOINT-3650 Datasheet
51Kb / 2P
Low Thermal EMF Reed Relays
logo
ebm-papst
3650 EBMPAPST-3650 Datasheet
423Kb / 1P
TUBEAXIAL
3650 EBMPAPST-3650 Datasheet
290Kb / 4P
AC axial compact fan
logo
3M Electronics
3650 3M-3650 Datasheet
14Kb / 2P
Thermosetable Glass Cloth Tapes
May-2003
More results

Similar Description - 3650

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FCD820 FAIRCHILD-FCD820 Datasheet
80Kb / 2P
OPTICALLY-COUPLED ISOLATOR
logo
Burr-Brown (TI)
ISO100 BURR-BROWN-ISO100 Datasheet
202Kb / 15P
Optically-Coupled Linear ISOLATION AMPLIFIER
logo
Agilent(Hewlett-Packard...
HCPL-4100 HP-HCPL-4100 Datasheet
220Kb / 12P
Optically Coupled 20 mA Optically Coupled 20 mA
logo
Burr-Brown (TI)
3650 BURR-BROWN-3650 Datasheet
127Kb / 13P
Optically-Coupled Linear ISOLATION AMPLIFIERS
logo
OPTEK Technologies
OPI110 OPTEK-OPI110_07 Datasheet
81Kb / 3P
Optically Coupled Isolator
logo
Bedford Opto Technology...
OPI3000MC BOT-OPI3000MC Datasheet
132Kb / 2P
Optically Coupled Isolator 30kV Isolation
OPI3000P BOT-OPI3000P Datasheet
35Kb / 2P
Optically Coupled Isolator 30kV Isolation
logo
Toshiba Semiconductor
TLP7920 TOSHIBA-TLP7920 Datasheet
231Kb / 11P
Photocouplers Optically Isolation Amplifiers
logo
TT Electronics.
OPI150 TTELEC-OPI150 Datasheet
300Kb / 4P
Optically Coupled Isolator / High Speed Optically Coupled Isolator
logo
Toshiba Semiconductor
TLP7820 TOSHIBA-TLP7820 Datasheet
586Kb / 15P
Photocouplers Optically Isolation Amplifiers
2020-06-25 Rev.9.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com