Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TVS Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TVS
Description  Transient Voltage Suppressors (TVS) for Automotive Electronic Protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TVS Datasheet(HTML) 2 Page - Vishay Siliconix

  TVS Datasheet HTML 1Page - Vishay Siliconix TVS Datasheet HTML 2Page - Vishay Siliconix TVS Datasheet HTML 3Page - Vishay Siliconix TVS Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Transient Voltage Suppressors (TVS) for
Automotive Electronic Protection
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 88490
2
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 09-Aug-10
Application Note
Vishay General Semiconductor
Fig. 3 - Parameters of Voltage and Current
PRIMARY PROTECTION OF THE AUTOMOTIVE POWER LINE (LOAD DUMP)
Automotive electronics, such as electronic control units,
sensors, and entertainment systems, are connected to one
power line. The power sources for these electronics are the
battery and alternator, both of which have unstable output
voltages that are subject to temperature, operating status,
and other conditions. Additionally, ESD, spike noise, and
several kinds of transient and surge voltages are introduced
into the power and signal line from automotive systems that
use solenoid loads, such as fuel injection, valve, motor,
electrical, and hydrolytic controllers.
Fig. 4 - Typical Vehicle Power Bus
What is Load Dump?
The worst instances of surge voltage are generated when
the battery is disconnected when the engine is in operation,
and the alternator is supplying current to the power line of
the vehicle. This condition is known as “load dump”, and
most vehicle manufacturers and industry associations
specify a maximum voltage, line impedance, and time
duration for this load dump status, as shown in Figure 5.
Fig. 5 - Output Voltage of Alternator in Load Dump Condition
Two well-known tests simulate this condition: the U.S.’s
ISO-7637-2 pulse 5 and Japan’s JASO A-1 for 14 V
powertrains and JASO D-1 for 27 V powertrains. In this
section we review the application of TVS for load dump in
14 V powertrains.
Specification and Results of Load Dump Tests
The U.S.’s ISO-7637-2 pulse 5 and Japan’s JASO A-1 tests
for 14 V powertrains are simulated in Table 1.
Reverse
Voltage
I
F
V
F
I
R
I
PP
V
WM
V
BR
V
C
Reverse
Current
Forward
Voltage
Forward
Current
A
TCU
ECU
Air-Bag
ABS
Car-Audio
& ......
Battery
Regulator
ESD or Lightning
High Voltage induced
by Alternator
Reaction Transient
from Motor and Spark Plugs
A
Load
X
Output Voltage of Alternator
Battery
Connected
Battery
Disconnected
V
P
V
N
TABLE 1 - MAJOR LOAD DUMP TEST CONDITIONS FOR 14 V POWERTRAINS
V TOTAL (VP)
(V)
VS
(V)
VA
(V)
Ri
(
Ω)
TIME
(ms)
CYCLE TIME
JASO A-1
70
-
12.0
0.8
200
1
88
-
12.0
1.0
200
1
ISO 7637-2 pulse 5
78.5 to 100.5
65 to 87
13.5
0.5 to 4.0
400
1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com