Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TVS Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TVS
Description  Transient Voltage Suppressors (TVS) for Automotive Electronic Protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TVS Datasheet(HTML) 4 Page - Vishay Siliconix

  TVS Datasheet HTML 1Page - Vishay Siliconix TVS Datasheet HTML 2Page - Vishay Siliconix TVS Datasheet HTML 3Page - Vishay Siliconix TVS Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Transient Voltage Suppressors (TVS) for
Automotive Electronic Protection
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 88490
4
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 09-Aug-10
Application Note
Vishay General Semiconductor
Two Groups of Load Dump TVS
There are two kinds of load dump TVS for the primary
protection of automotive electronics: EPI PAR TVS and
Non-EPI PAR TVS. Both product groups have similar
operating breakdown characteristics in reverse bias mode.
The difference is that EPI-PAR TVSs have low forward
voltage drop (VF) characteristics in forward mode, and
non-EPI PAR TVSs have relatively high VF under the same
conditions. This characteristic is important to the reverse
voltage supplied to the power line. Most CMOS ICs and LSIs
have very poor reverse voltage capabilities.
The gates of MOSFETs are also weak in reverse voltage, at
- 1 V or lower. In the reversed power input mode, the voltage
of the power line is the same as the voltage of the TVS VF.
This reverse bias mode causes electronic circuit failure. The
low forward voltage drop of EPI PAR TVSs is a good solution
to this problem. Another method to protect circuits from
reversed power input is utilizing a polarity protection rectifier
into the power line, as shown in Figure 7. A polarity
protection rectifier should have sufficient forward current
ratings, and forward surge and reverse voltage capabilities.
Fig. 7 - Reverse Bias Status
SECONDARY PROTECTION OF THE AUTOMOTIVE POWER LINE
The primary target of protection circuits in automotive
systems is high surge voltages, but the clamped voltage is
still high. Secondary protection is especially important in
24 V powertrains, such as found in trucks and vans. The
main reason for this is the maximum input voltages for most
regulators and DC/DC converter ICs for automotive
applications are 45 V to 60 V. For this kind of application,
using secondary protection, as shown in Figure 8, is
recommended.
Fig. 8 - Secondary Protection Circuit
Adding resistor R onto the power line reduces the
transient current, allowing smaller power-rating TVSs as the
secondary
protection.
Current
requirements
for
microprocessor and logic circuits in electronic units are
150 mA to 300 mA, and the minimum output voltage of a
12 V battery is 7.2 V at - 18 °C, or 14.4 V for a 24 V battery
under the same conditions. In a 24 V battery under the
above conditions, the supply voltage at a 300 mA load is 8.4
V at R = 20
Ω, and 11.4 V at R = 10 Ω at a minimum voltage
of battery of 14.4 V (24 V battery voltage in - 18 °C).
Power rating of R = I2R
This supply voltage is higher than the minimum input
voltages for most voltage regulators and DC/DC converter
ICs.
Protected
Load
-
TVS
V
F
Current
Reverse
Power Input
+
Load
Current Limiter
Primary
Protection
+
R
Secondary
Protection
Power
Line
Transient
Voltage
Clamped
Voltage
Clamped
Voltage
V
L
V
min.
V
min. IL
⁄
()
⁄
()
V
min. IL
⁄
() R
–
()
×
=
V
L: Voltage to load
V
min.: Minimum input voltage
I
L: Load current
R: Resistor value



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com