Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TVS Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TVS
Description  Transient Voltage Suppressors (TVS) for Automotive Electronic Protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TVS Datasheet(HTML) 3 Page - Vishay Siliconix

  TVS Datasheet HTML 1Page - Vishay Siliconix TVS Datasheet HTML 2Page - Vishay Siliconix TVS Datasheet HTML 3Page - Vishay Siliconix TVS Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Transient Voltage Suppressors (TVS) for
Automotive Electronic Protection
Application Note
Vishay General Semiconductor
Document Number: 88490
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 09-Aug-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
3
Fig. 6 - For ISO-7637-2 Test Conditions, the Standard Condition is a VS Range of 65 V to 87 V,
and Ri (Line Impedance) Range of 0.5
Ω to 4 Ω
Some vehicle manufactures apply different conditions for
the load dump test based on ISO-7637-2 pulse 5. The peak
clamped current of the load dump TVS will be estimated by
the following equation:
Calculation for peak clamping current
Figure 6a shows the current and voltage waveforms of
Vishay’s SM5S24A in the ISO 7637-2 test of 87 V VS, 13.5 V
Vbatt., 0.75
Ω Ri and 400 ms pulse width.
Fig. 6a - Clamped Voltage and Current of SM5A24A
in ISO 7637-2 Test
Figure 6b shows the clamped voltage and current of load
dummp TVF fail in the ISO 7637-2 test of 87 V VS, 13.5 V
Vbatt., 0.5
Ω Ri and 400 ms pulse width. The clamping
voltage drops to near zero, and the current passed through
the device is increased to the maximum allowed by the line
impedance.
Fig. 6b - Clamped Voltage and Current of Load Dump TVS
Failures in ISO7637-2 Test
Maximum clamping capability of Vishay load dump TVS of
ISO 7637-2 pulse 5 test condition with 13.5 V Vbatt. and
400 ms pulse width is as Figure 6c.
Fig. 6c - Maximum Clamping Capability of Vishay Load Dump TVS
in ISO7637-2 Test
0
100
200
400
50
(ms)
300
Line Impedance and Pulse Duration
JASO A-1:
0.8
Ω, 200 ms
ISO-7637:
0.5
Ω min. (0.5 Ω to 4 Ω),
400 ms max. (40 ms to 400 ms)
(V)
ISO 7637
V
r + 10 % of VS
JASO A-1
36.8 % of V
P
V
P
V
S
V
r
100
0
I
PP
V
in
V
c
–
() R
i
⁄
=
I
PP: Peak clamping current
V
in: Input voltage
V
c: Clamping voltage
R
i: Line impedance



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com