Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2998 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LP2998
Description  LP2998 DDR-I and DDR-II Termination Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2998 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP2998 Datasheet HTML 5Page - Texas Instruments LP2998 Datasheet HTML 6Page - Texas Instruments LP2998 Datasheet HTML 7Page - Texas Instruments LP2998 Datasheet HTML 8Page - Texas Instruments LP2998 Datasheet HTML 9Page - Texas Instruments LP2998 Datasheet HTML 10Page - Texas Instruments LP2998 Datasheet HTML 11Page - Texas Instruments LP2998 Datasheet HTML 12Page - Texas Instruments LP2998 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
VTT
VREF
VDD
RS
RT
CHIPSET
MEMORY
-
+
VTT
PVIN
VDDQ
SD
GND
AVIN
VSENSE
50k
50k
+
-
VREF
LP2998
www.ti.com
SNVS521I – DECEMBER 2007 – REVISED APRIL 2013
Block Diagram
DETAILED DESCRIPTION
The LP2998 is a linear bus termination regulator designed to meet the JEDEC requirements of SSTL-2 and
SSTL-18. The output, VTT is capable of sinking and sourcing current while regulating the output voltage equal to
VDDQ / 2. The output stage has been designed to maintain excellent load regulation while preventing shoot
through. The LP2998 also incorporates two distinct power rails that separates the analog circuitry from the power
output stage. This allows a split rail approach to be utilized to decrease internal power dissipation. It also permits
the LP2998 to provide a termination solution for the next generation of DDR-SDRAM memory (DDRII). The
LP2998 can also be used to provide a termination voltage for other logic schemes such as SSTL-3 or HSTL.
Series Stub Termination Logic (SSTL) was created to improve signal integrity of the data transmission across the
memory bus. This termination scheme is essential to prevent data error from signal reflections while transmitting
at high frequencies encountered with DDR-SDRAM. The most common form of termination is Class II single
parallel termination. This involves one RS series resistor from the chipset to the memory and one RT termination
resistor. Typical values for RS and RT are 25 Ohms, although these can be changed to scale the current
requirements from the LP2998. This implementation can be seen below in Figure 17.
Figure 17. SSTL-Termination Scheme
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LP2998



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com