Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2998 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP2998
Description  LP2998 DDR-I and DDR-II Termination Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2998 Datasheet(HTML) 1 Page - Texas Instruments

  LP2998 Datasheet HTML 1Page - Texas Instruments LP2998 Datasheet HTML 2Page - Texas Instruments LP2998 Datasheet HTML 3Page - Texas Instruments LP2998 Datasheet HTML 4Page - Texas Instruments LP2998 Datasheet HTML 5Page - Texas Instruments LP2998 Datasheet HTML 6Page - Texas Instruments LP2998 Datasheet HTML 7Page - Texas Instruments LP2998 Datasheet HTML 8Page - Texas Instruments LP2998 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
VTT
LP2998
PVIN
VDDQ
VREF
AVIN
VSENSE
GND
+
+
+
SD
SD
CIN
COUT
CREF
AVIN = 2.5V
VDDQ = 1.8V
VTT = 0.9V
VREF = 0.9V
LP2998
www.ti.com
SNVS521I – DECEMBER 2007 – REVISED APRIL 2013
LP2998 DDR-I and DDR-II Termination Regulator
Check for Samples: LP2998
1
FEATURES
DESCRIPTION
The LP2998 linear regulator is designed to meet
2
•
Source and Sink Current
JEDEC SSTL-2 and JEDEC SSTL-18 specifications
•
Low Output Voltage Offset
for
termination
of
DDR1-SDRAM
and
DDR-II
•
No External Resistors Required
memory.
The
device
contains
a
high-speed
operational amplifier to provide excellent response to
•
Linear Topology
load transients. The output stage prevents shoot
•
Suspend to Ram (STR) Functionality
through while delivering 1.5A continuous current as
•
Low External Component Count
required for DDR1-SDRAM termination, and 0.5A
continuous current as required for DDR-II termination.
•
Thermal Shutdown
The LP2998 also incorporates a VSENSE pin to provide
•
Available in SOIC-8, SO PowerPAD-8 Packages
superior load regulation and a VREF output as a
reference for the chipset and DIMMs.
APPLICATIONS
An additional feature found on the LP2998 is an
•
DDR-I, DDR-II and DDR-III Termination Voltage
active low shutdown (SD) pin that provides Suspend
•
SSTL-18 Termination
To RAM (STR) functionality. When SD is pulled low,
the
VTT output will tri-state providing a high
•
SSTL-2 and SSTL-3 Termination
impedance output, while VREF remains active. A
•
HSTL Termination
power savings advantage can be obtained in this
mode through lower quiescent current.
Typical Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP2998

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
LP2998 INTERSIL-LP2998 Datasheet
338Kb / 18P
DDR-II and DDR-I Termination Regulator
December 12, 2007
logo
Texas Instruments
LP2998 TI1-LP2998 Datasheet
2Mb / 33P
DDR Termination Regulator
LP2998 TI2-LP2998 Datasheet
2Mb / 42P
LP2998/LP2998-Q1 DDR Termination Regulator
REVISED AUGUST 2014
LP2998-Q1 TI1-LP2998-Q1 Datasheet
2Mb / 33P
DDR Termination Regulator
LP2998-Q1 TI2-LP2998-Q1 Datasheet
2Mb / 42P
LP2998/LP2998-Q1 DDR Termination Regulator
REVISED AUGUST 2014
More results

Similar Description - LP2998

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2997 NSC-LP2997 Datasheet
233Kb / 12P
DDR-II Termination Regulator
logo
California Micro Device...
CM3121 CALMIRCO-CM3121 Datasheet
219Kb / 11P
Dual Linear Voltage Regulator for DDR-I and DDR-II Memory
logo
ON Semiconductor
NCP5208 ONSEMI-NCP5208 Datasheet
82Kb / 10P
DDR-I/II Termination Regulator
February, 2004 ??Rev. 3
logo
California Micro Device...
CM3196 CALMIRCO-CM3196 Datasheet
362Kb / 13P
2A Sink/Source DDR-I, -II Bus Termination Regulator
logo
Global Mixed-mode Techn...
G2996 GMT-G2996 Datasheet
282Kb / 13P
DDR I/II Termination Regulator
logo
ON Semiconductor
NCP5208 ONSEMI-NCP5208_06 Datasheet
96Kb / 9P
DDR?묲/II Termination Regulator
May, 2006 ??Rev. 5
logo
Intersil Corporation
LP2998 INTERSIL-LP2998 Datasheet
338Kb / 18P
DDR-II and DDR-I Termination Regulator
December 12, 2007
logo
Exar Corporation
XRP2997 EXAR-XRP2997 Datasheet
514Kb / 8P
2A DDR I/II/III Bus Termination Regulator
logo
E-Tech Electronics LTD
UR5596 ETL-UR5596 Datasheet
218Kb / 12P
DDR TERMINATION REGULATOR
logo
Texas Instruments
LP2997 TI1-LP2997 Datasheet
1Mb / 21P
DDR-II Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com