Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2998 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LP2998
Description  LP2998 DDR-I and DDR-II Termination Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2998 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP2998 Datasheet HTML 8Page - Texas Instruments LP2998 Datasheet HTML 9Page - Texas Instruments LP2998 Datasheet HTML 10Page - Texas Instruments LP2998 Datasheet HTML 11Page - Texas Instruments LP2998 Datasheet HTML 12Page - Texas Instruments LP2998 Datasheet HTML 13Page - Texas Instruments LP2998 Datasheet HTML 14Page - Texas Instruments LP2998 Datasheet HTML 15Page - Texas Instruments LP2998 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
0
200
400
600
800
1000
AIRFLOW (Linear Feet per Minute)
SOP Board
JEDEC Board
150
160
140
170
180
100
110
120
130
80
90
LP2998
SNVS521I – DECEMBER 2007 – REVISED APRIL 2013
www.ti.com
Figure 18.
θJA vs Airflow (SOIC-8)
Additional improvements can be made by the judicious use of vias to connect the part and dissipate heat to an
internal ground plane. Using larger traces and more copper on the top side of the board can also help. With
careful layout, it is possible to reduce the
θJA further than the nominal values shown in Figure 18.
Optimizing the
θJA and placing the LP2998 in a section of a board exposed to lower ambient temperature allows
the part to operate with higher power dissipation. The internal power dissipation can be calculated by summing
the three main sources of loss: output current at VTT, either sinking or sourcing, and quiescent currents at AVIN
and VDDQ. During the active state (when shutdown is not held low) the total internal power dissipation can be
calculated from the following equations:
PD = PAVIN + PVDDQ + PVTT
(3)
Where,
PAVIN = IAVIN * VAVIN
(4)
PVDDQ = VVDDQ * IVDDQ = VVDDQ2 x RVDDQ
(5)
To calculate the maximum power dissipation at VTT, both the sinking and sourcing current conditions need to be
examined. Although only one equation will add into the total, VTT cannot source and sink current simultaneously.
PVTT = VVTT x ILOAD (Sinking) or
(6)
PVTT = ( VPVIN - VVTT) x ILOAD (Sourcing)
(7)
The power dissipation of the LP2998 can also be calculated during the shutdown state. During this condition the
output VTT will tri-state. Therefore, that term in the power equation will disappear as it cannot sink or source any
current (leakage is negligible). The only losses during shutdown will be the reduced quiescent current at AVIN
and the constant impedance that is seen at the VDDQ pin.
PD = PAVIN + PVDDQ
(8)
PAVIN = IAVIN x VAVIN
(9)
PVDDQ = VVDDQ * IVDDQ = VVDDQ2 x RVDDQ
(10)
Typical Application Circuits
Several different application circuits have been shown in Figure 19 through Figure 28 to illustrate some of the
options that are possible in configuring the LP2998. Graphs of the individual circuit performance can be found in
the Typical Performance Characteristics section of the datasheet. These curves illustrate how the maximum
output current is affected by changes in AVIN and PVIN.
SSTL-2 APPLICATIONS
For the majority of applications that implement the SSTL-2 termination scheme it is recommended to connect all
the input rails to the 2.5V rail. This provides an optimal trade-off between power dissipation and component count
and selection. An example of this circuit can be seen in Figure 19.
12
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LP2998



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com