Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5544ARKZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADL5544ARKZ-R7
Description  30 MHz to 6 GHz RF/IF Gain Block
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5544ARKZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADL5544ARKZ-R7 Datasheet HTML 3Page - Analog Devices ADL5544ARKZ-R7 Datasheet HTML 4Page - Analog Devices ADL5544ARKZ-R7 Datasheet HTML 5Page - Analog Devices ADL5544ARKZ-R7 Datasheet HTML 6Page - Analog Devices ADL5544ARKZ-R7 Datasheet HTML 7Page - Analog Devices ADL5544ARKZ-R7 Datasheet HTML 8Page - Analog Devices ADL5544ARKZ-R7 Datasheet HTML 9Page - Analog Devices ADL5544ARKZ-R7 Datasheet HTML 10Page - Analog Devices ADL5544ARKZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Data Sheet
ADL5544
Rev. 0 | Page 7 of 20
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Supply Voltage, VPOS
6.5 V
Input Power (50 Ω Impedance)
18 dBm
Internal Power Dissipation
(Pad Soldered to Ground)
400 mW
Maximum Junction Temperature
150°C
Operating Temperature Range
−40°C to +105°C
Storage Temperature Range
−65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
Table 4 lists the junction-to-air thermal resistance (θJA) and the
junction-to-case thermal resistance (θJC) for the ADL5544.
Table 4. Thermal Resistance
Package Type
θJA1
θJC2
Unit
3-Lead SOT-89 (RK-3)
53
15
°C/W
1
Measured on the ADL5544 evaluation board. For more information about
board layout, see the Soldering Information and Recommended PCB Land
Pattern section.
2
Based on simulation with a standard JEDEC board per JESD51.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com