Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5544ARKZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADL5544ARKZ-R7
Description  30 MHz to 6 GHz RF/IF Gain Block
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5544ARKZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADL5544ARKZ-R7 Datasheet HTML 12Page - Analog Devices ADL5544ARKZ-R7 Datasheet HTML 13Page - Analog Devices ADL5544ARKZ-R7 Datasheet HTML 14Page - Analog Devices ADL5544ARKZ-R7 Datasheet HTML 15Page - Analog Devices ADL5544ARKZ-R7 Datasheet HTML 16Page - Analog Devices ADL5544ARKZ-R7 Datasheet HTML 17Page - Analog Devices ADL5544ARKZ-R7 Datasheet HTML 18Page - Analog Devices ADL5544ARKZ-R7 Datasheet HTML 19Page - Analog Devices ADL5544ARKZ-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Data Sheet
ADL5544
Rev. 0 | Page 17 of 20
EVALUATION BOARD
Figure 39 shows the ADL5544 evaluation board layout.
Figure 40 shows the schematic for the evaluation board.
The board is powered by a single 5 V supply. Table 7 lists
the components used on the evaluation board. Power can
be applied to the board through clip-on leads (VSUP, GND).
Figure 39. Evaluation Board Layout (Top)
1
2
(2)
3
ADL5544
L1
100nH
VSUP
GND
RFIN
C1
100pF
RFOUT
C2
100pF
C6
10µF
C5
1nF
C4
100pF
Figure 40. Evaluation Board Schematic
Table 7. Evaluation Board Configuration Options
Component
Function
Default Value
C1, C2
AC coupling capacitors
100 pF, 0402
L1
DC bias inductor
100 nH, 0603 (Coilcraft 0603HP or equivalent)
VSUP and GND
Clip-on terminals for power supply
C4, C5, C6
Power supply decoupling capacitors
C4: 100 pF, 0603
C5: 1 nF, 0603
C6: 10 μF, 1206



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com