Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5544ARKZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADL5544ARKZ-R7
Description  30 MHz to 6 GHz RF/IF Gain Block
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5544ARKZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADL5544ARKZ-R7 Datasheet HTML 11Page - Analog Devices ADL5544ARKZ-R7 Datasheet HTML 12Page - Analog Devices ADL5544ARKZ-R7 Datasheet HTML 13Page - Analog Devices ADL5544ARKZ-R7 Datasheet HTML 14Page - Analog Devices ADL5544ARKZ-R7 Datasheet HTML 15Page - Analog Devices ADL5544ARKZ-R7 Datasheet HTML 16Page - Analog Devices ADL5544ARKZ-R7 Datasheet HTML 17Page - Analog Devices ADL5544ARKZ-R7 Datasheet HTML 18Page - Analog Devices ADL5544ARKZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Data Sheet
ADL5544
Rev. 0 | Page 15 of 20
25
0
5
10
15
20
4.0
4.2
4.4
4.6
4.8
5.0
5.2
5.4
5.6
5.8
6.0
FREQUENCY (GHz)
NOISE FIGURE, DEFAULT SETUP CONFIGURATION
NOISE FIGURE, HIGH FREQUENCY CONFIGURATION
P1dB, DEFAULT SETUP CONFIGURATION
P1dB, HIGH FREQUENCY CONFIGURATION
GAIN, DEFAULT SETUP CONFIGURATION
GAIN, HIGH FREQUENCY CONFIGURATION
OIP3, DEFAULT SETUP CONFIGURATION
OIP3, HIGH FREQUENCY CONFIGURATION
Figure 31. Noise Figure, Gain, P1dB, and OIP3 vs. Frequency,
4 GHz to 6 GHz, Comparison of Performance
with the Optimized Settings and the Default Configuration
0
–5
–10
–15
–20
–30
–25
4.0
4.2
4.4
4.6
4.8
5.0
5.2
5.4
5.6
5.8
6.0
FREQUENCY (GHz)
S11, DEFAULT SETUP CONFIGURATION
S11, HIGH FREQUENCY CONFIGURATION
S12, DEFAULT SETUP CONFIGURATION
S12, HIGH FREQUENCY CONFIGURATION
S22, DEFAULT SETUP CONFIGURATION
S22, HIGH FREQUENCY CONFIGURATION
Figure 32. Return Loss and Reverse Isolation, 4 GHz to 6 GHz,
Comparison of Performance with the Optimized Settings
and the Default Configuration
SOLDERING INFORMATION AND RECOMMENDED
PCB LAND PATTERN
Figure 33 shows the recommended land pattern for the
ADL5544. To minimize thermal impedance, the exposed pad
on the underside of the SOT-89 package is soldered to a ground
plane, along with Pin 2. If multiple ground layers exist, stitch
the layers together using vias.
0.86mm
5.56mm
0.20mm
1.80mm
1.27mm
0.62mm
3.48mm
1.50mm
3.00mm
Figure 33. Recommended Land Pattern
The land pattern on the ADL5544 evaluation board provides a
measured thermal resistance (θJA) of 53°C/W. To measure θJA,
the temperature at the top of the SOT-89 package is found with
an IR temperature gun. Thermal simulation suggests a junction
temperature 10°C higher than the top-of-package temperature.
With additional measurements of the ambient temperature and
I/O power, θJA can be determined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com