Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QTLP660C-R Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # QTLP660C-R
Description  SURFACE MOUNT LED LAMP SUPER BRIGHT 1.8 mm (Dome Lens)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

QTLP660C-R Datasheet(HTML) 3 Page - Fairchild Semiconductor

  QTLP660C-R Datasheet HTML 1Page - Fairchild Semiconductor QTLP660C-R Datasheet HTML 2Page - Fairchild Semiconductor QTLP660C-R Datasheet HTML 3Page - Fairchild Semiconductor QTLP660C-R Datasheet HTML 4Page - Fairchild Semiconductor QTLP660C-R Datasheet HTML 5Page - Fairchild Semiconductor QTLP660C-R Datasheet HTML 6Page - Fairchild Semiconductor QTLP660C-R Datasheet HTML 7Page - Fairchild Semiconductor QTLP660C-R Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SURFACE MOUNT LED LAMP
SUPER BRIGHT 1.8 mm (Dome Lens)
QTLP660C-R Red
QTLP660C-E Orange
QTLP660C-O Yellow-Orange
QTLP660C-Y Yellow
QTLP660C-AG Yellow-Green
QTLP660C-IG True Green
QTLP660C-IB Blue
Part Number
Symbol
QTLP660C
Condition
-R
-E
-O
-Y
-AG
Luminous Intensity (mcd)
Minimum
IV
150
150
150
150
110
IF = 20mA
Typical
400
400
400
400
160
Forward Voltage (V)
Maximum
VF
2.4
2.4
2.4
2.4
2.4
IF = 20mA
Typical
2.0
2.0
2.0
2.0
2.0
Wavelength (nm)
P
Peak
630
620
610
590
575
IF = 20mA
Dominant
D
624
615
605
589
573
Spectral Line Half Width (nm)
20
18
18
15
20
IF = 20mA
Viewing Angle (°)
2 1/2
30
30
30
30
30
IF = 20mA
ELECTRICAL / OPTICAL CHARACTERISTICS (TA =25°C)
Part Number
Symbol
QTLP660C
Condition
-IB
-IG
Luminous Intensity (mcd)
Minimum
IV
110
500
IF = 20mA
Typical
150
900
Forward Voltage (V)
Maximum
VF
4.0
4.0
IF = 20mA
Typical
3.5
3.5
Wavelength (nm)
P
Peak
465
520
IF = 20mA
Dominant
D
470
525
Spectral Line Half Width (nm)
25
35
IF = 20mA
Viewing Angle (°)
2 1/2
30
30
IF = 20mA
ELECTRICAL / OPTICAL CHARACTERISTICS (TA =25°C)
DS300103
8/31/01
3 OF 8
www.fairchildsemi.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com