Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QTLP660C-R Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # QTLP660C-R
Description  SURFACE MOUNT LED LAMP SUPER BRIGHT 1.8 mm (Dome Lens)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

QTLP660C-R Datasheet(HTML) 5 Page - Fairchild Semiconductor

  QTLP660C-R Datasheet HTML 1Page - Fairchild Semiconductor QTLP660C-R Datasheet HTML 2Page - Fairchild Semiconductor QTLP660C-R Datasheet HTML 3Page - Fairchild Semiconductor QTLP660C-R Datasheet HTML 4Page - Fairchild Semiconductor QTLP660C-R Datasheet HTML 5Page - Fairchild Semiconductor QTLP660C-R Datasheet HTML 6Page - Fairchild Semiconductor QTLP660C-R Datasheet HTML 7Page - Fairchild Semiconductor QTLP660C-R Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
IF - DC FORWARD CURRENT (mA)
Fig. 2 Relative Luminous Intensity
vs. DC Forward Current
2.5
2.0
1.5
1.0
0.5
0.0
010
20
30
40
50
100
90
80
70
60
50
40
30
20
10
0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VF - FORWARD VOLTAGE (V)
Fig. 1 Forward Current vs. Forward Voltage
AMBIENT TEMPERATURE TA (˚C)
50
40
30
20
10
0
0
255075
100
Fig.5 Maximum Forward Current
vs. Ambient Temperature
Fig.4 Radiation Diagram
Fig. 3 Relative Intensity vs. Peak Wavelength
1.0
0.5
0
400
450
500
550
600
650
WAVELENGTH (nm)
IB
IG
IG
IB
REL. LUMINOUS INTENSITY (%)
-80˚
80˚
-70˚
70˚
-60˚
60˚
-50˚
50˚
-40˚
40˚
-30˚
30˚
-20˚
20˚
-10˚
10˚
0˚
1.0
0.8 0.6 0.4
0.2 0
0.2
0.4 0.6 0.8 1.0
-90˚
90˚
TYPICAL PERFORMANCE CURVES (QTLP660C-IG and IB)
SURFACE MOUNT LED LAMP
SUPER BRIGHT 1.8 mm (Dome Lens)
QTLP660C-R Red
QTLP660C-E Orange
QTLP660C-O Yellow-Orange
QTLP660C-Y Yellow
QTLP660C-AG Yellow-Green
QTLP660C-IG True Green
QTLP660C-IB Blue
DS300103
8/31/01
5 OF 8
www.fairchildsemi.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com