Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QTLP660C-R Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # QTLP660C-R
Description  SURFACE MOUNT LED LAMP SUPER BRIGHT 1.8 mm (Dome Lens)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

QTLP660C-R Datasheet(HTML) 1 Page - Fairchild Semiconductor

  QTLP660C-R Datasheet HTML 1Page - Fairchild Semiconductor QTLP660C-R Datasheet HTML 2Page - Fairchild Semiconductor QTLP660C-R Datasheet HTML 3Page - Fairchild Semiconductor QTLP660C-R Datasheet HTML 4Page - Fairchild Semiconductor QTLP660C-R Datasheet HTML 5Page - Fairchild Semiconductor QTLP660C-R Datasheet HTML 6Page - Fairchild Semiconductor QTLP660C-R Datasheet HTML 7Page - Fairchild Semiconductor QTLP660C-R Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
0.091 (2.3)
0.083 (2.1)
0.102 (2.6)
0.087 (2.2)
0.134 (3.40)
0.118 (3.00)
0.028 (0.7)
0.020 (0.5)
0.024 (0.6)
0.016 (0.4)
0.106 (2.7)
0.098 (2.5)
0.079 (2.0)
7°
Ø0.075 (1.9)
Ø0.067 (1.7)
R0.004 (0.1)
CATHODE
5°
+
-
POLARITY
BOTTOM
SIDE
TOP
PACKAGE DIMENSIONS
NOTE:
Dimensions for all drawings are in inches (mm).
FEATURES
• Small footprint - 3.2(L) X 2.4(W) X 2.6(H) mm
• AllnGaP technology for -R, -E, -O, -Y and -AG
• InGaN/SiC technology for -IG and -IB
• Narrow viewing angle of 30°
• Water clear optics
• Moisture-proof packaging
• Available in 0.315” (8mm) width tape on 7” (178mm) diameter reel; 2,000 units per reel
DESCRIPTION
These super bright surface mount chip LEDs are designed with a 1.8 mm dome lens that focuses the light output.
APPLICATIONS
• Backlighting
• Status indication for consumer electronics and other
equipment
SURFACE MOUNT LED LAMP
SUPER BRIGHT 1.8 mm (Dome Lens)
QTLP660C-R Red
QTLP660C-E Orange
QTLP660C-O Yellow-Orange
QTLP660C-Y Yellow
QTLP660C-AG Yellow-Green
QTLP660C-IG True Green
QTLP660C-IB Blue
 2001 Fairchild Semiconductor Corporation
DS300103
8/31/01
1 OF 8
www.fairchildsemi.com


Similar Part No. - QTLP660C-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QTLP660C-2 FAIRCHILD-QTLP660C-2 Datasheet
372Kb / 7P
SURFACE MOUNT LED LAMP STANDARD BRIGHT 1.8mm (Dome Lens)
QTLP660C-3 FAIRCHILD-QTLP660C-3 Datasheet
372Kb / 7P
SURFACE MOUNT LED LAMP STANDARD BRIGHT 1.8mm (Dome Lens)
QTLP660C-4 FAIRCHILD-QTLP660C-4 Datasheet
372Kb / 7P
SURFACE MOUNT LED LAMP STANDARD BRIGHT 1.8mm (Dome Lens)
QTLP660C-7 FAIRCHILD-QTLP660C-7 Datasheet
372Kb / 7P
SURFACE MOUNT LED LAMP STANDARD BRIGHT 1.8mm (Dome Lens)
QTLP660C-B FAIRCHILD-QTLP660C-B Datasheet
372Kb / 7P
SURFACE MOUNT LED LAMP STANDARD BRIGHT 1.8mm (Dome Lens)
More results

Similar Description - QTLP660C-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QTLP600C-RY FAIRCHILD-QTLP600C-RY Datasheet
169Kb / 6P
SURFACE MOUNT LED LAMP SUPER BRIGHT 0606
QTLP651C FAIRCHILD-QTLP651C Datasheet
402Kb / 7P
SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206 Inner Lens
QTLP690C FAIRCHILD-QTLP690C Datasheet
131Kb / 6P
SURFACE MOUNT LED LAMP SUPER BRIGHT 0402
QTLP600C-R FAIRCHILD-QTLP600C-R Datasheet
146Kb / 8P
SURFACE MOUNT LED LAMP SUPER BRIGHT 0603 (0.8 mm Height)
QTLP650C-Y FAIRCHILD-QTLP650C-Y Datasheet
160Kb / 8P
SURFACE MOUNT LED LAMP SUPER BRIGHT 1206
QTLP630C-R FAIRCHILD-QTLP630C-R Datasheet
150Kb / 8P
SURFACE MOUNT LED LAMP SUPER BRIGHT 0805
QTLP610C-R FAIRCHILD-QTLP610C-R Datasheet
149Kb / 8P
SURFACE MOUNT LED LAMP SUPER BRIGHT RIGHT ANGLE
QTLP650C-RY FAIRCHILD-QTLP650C-RY Datasheet
161Kb / 6P
SURFACE MOUNT LED LAMP SUPER BRIGHT 1210
QTLP651C-R FAIRCHILD-QTLP651C-R Datasheet
188Kb / 8P
SURFACE MOUNT LED LAMP SUPER BRIGHT 1206 (Inner Lens)
QTLP660C-B FAIRCHILD-QTLP660C-B Datasheet
372Kb / 7P
SURFACE MOUNT LED LAMP STANDARD BRIGHT 1.8mm (Dome Lens)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com