Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD831APZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD831APZ
Description  Low Distortion Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD831APZ Datasheet(HTML) 5 Page - Analog Devices

  AD831APZ Datasheet HTML 1Page - Analog Devices AD831APZ Datasheet HTML 2Page - Analog Devices AD831APZ Datasheet HTML 3Page - Analog Devices AD831APZ Datasheet HTML 4Page - Analog Devices AD831APZ Datasheet HTML 5Page - Analog Devices AD831APZ Datasheet HTML 6Page - Analog Devices AD831APZ Datasheet HTML 7Page - Analog Devices AD831APZ Datasheet HTML 8Page - Analog Devices AD831APZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
–4–
AD831–Typical Performance Characteristics
AD831
–5–
12
10
0
10
1000
100
8
6
4
2
FREQUENCY (MHz)
TPC 7. 1 dB Compression Point vs. Frequency,
Gain = 1
12
10
0
10
1000
100
8
6
4
2
FREQUENCY (MHz)
TPC 8. 1 dB Compression Point vs. RF Input, Gain = 2
��
��
��
��
��
��
���
���
���
���
���
���
���������������������
�����
������������
�����������
��������������������
���������������
TPC 9. Third Order Intercept vs. Frequency,
LO Held Constant at 241 MHz
1.00
0.50
–1.00
0.00
–0.25
–0.75
0.75
0.25
–0.50
10
1000
100
FREQUENCY (MHz)
TPC 10. Gain Error vs. Frequency, Gain = 1
9
8
0
7
6
5
1
4
3
2
10
1000
100
FREQUENCY (MHz)
TPC 11. 1 dB Compression Point vs. Frequency, Gain = 4
11
10
7
0
600
100
200
300
400
500
9
8
LO LEVEL = –10dBm
IF = 10.7MHz
VS = 8V
VS = 9V
FREQUENCY (MHz)
TPC 12. Input 1 dB Compression Point vs.
Frequency, Gain = 1, 9 V Single Supply
REV. C
REV. C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com