Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD831APZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD831APZ
Description  Low Distortion Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD831APZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD831APZ Datasheet HTML 3Page - Analog Devices AD831APZ Datasheet HTML 4Page - Analog Devices AD831APZ Datasheet HTML 5Page - Analog Devices AD831APZ Datasheet HTML 6Page - Analog Devices AD831APZ Datasheet HTML 7Page - Analog Devices AD831APZ Datasheet HTML 8Page - Analog Devices AD831APZ Datasheet HTML 9Page - Analog Devices AD831APZ Datasheet HTML 10Page - Analog Devices AD831APZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD831
–6–
AD831
–7–
THEORY OF OPERATION
The AD831 consists of a mixer core, a limiting amplifier, a low
noise output amplifier, and a bias circuit (Figure 1).
The mixer’s RF input is converted into differential currents by
a highly linear, Class A voltage-to-current converter, formed by
transistors Q1, Q2 and resistors R1, R2.The resulting currents
drive the differential pairs Q3, Q4 and Q5, Q6.The LO input is
through a high gain, low noise limiting amplifier that converts the
–10 dBm LO input into a square wave.This square wave drives
the differential pairs Q3, Q4 and Q5, Q6 and produces a high
level output at IFP and IFN—consisting of the sum and differ-
ence frequencies of the RF and LO inputs—and a series of lower
level outputs caused by odd harmonics of the LO frequency mix-
ing with the RF input.
An on-chip network supplies the bias current to the RF and LO
inputs when these are ac-coupled; this network is disabled when
the AD831 is dc-coupled.
When the integral output amplifier is used, pins IFN and IFP
are connected directly to pins AFN and AFP; the on-chip load
resistors convert the output current into a voltage that drives
the output amplifier. The ratio of these load resistors to resistors
R1, R2 provides nominal unity gain (0 dB) from RF-to-IF. The
expression for the gain, in decibels, is
GdB =
Ê
ËÁ
ˆ
¯˜
Ê
ËÁ
ˆ
¯˜
Ê
ËÁ
ˆ
¯˜
20
4
1
2
2
10
log
p
p
(1)
where:
4
p
is the amplitude of the fundamental component of a
squarewave.
1
2
is the conversion loss.
p
2
is the small signal dc gain of the AD831 when the LO input
is driven fully positive or negative.
��
�
��
��������
���������
��
��
��
�������
������
��
���
���
���
���
����
��������
���
��
��
���
��
�
��������
���
���
��
��
��
��
��
��
���
��
���
��
���
��
���
��
���
��
����
���
���
���
��
���
���
���
��������
��������
��������
���
���
���
���
��
����
��
�����
����������
�����
��
�����
�
��
��
�
�
����
�������
Figure 1. Simplified Schematic Diagram
REV. C
REV. C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com