Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD831APZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD831APZ
Description  Low Distortion Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD831APZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD831APZ Datasheet HTML 7Page - Analog Devices AD831APZ Datasheet HTML 8Page - Analog Devices AD831APZ Datasheet HTML 9Page - Analog Devices AD831APZ Datasheet HTML 10Page - Analog Devices AD831APZ Datasheet HTML 11Page - Analog Devices AD831APZ Datasheet HTML 12Page - Analog Devices AD831APZ Datasheet HTML 13Page - Analog Devices AD831APZ Datasheet HTML 14Page - Analog Devices AD831APZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD831
–10–
AD831
–11–
Single-Supply Operation
Figure 10 is similar to the dual-supply circuit in Figure 9. Supplies
may be as low as 9 V but should not be higher than 11 V, due to
power dissipation. As in Figure 9, both the RF and LO ports are
driven single-ended and terminated.
In single-supply operation, the COM terminal is the “ground”
reference for the output amplifier and must be biased to half the
supply voltage, which is done by resistors R1 and R2.The OUT
pin must be ac-coupled to the load.
��
����
��
���
�����
���
�����
�����
�����
�����
�����
�����
�����
��
��
��
��
�����
��
�����
���� ����
���
���
��������
�������
��
�����
��
��
���
��
���
��
�� ��
���
���
��
��
���
���
��
���
����
��
���
���
�
�
�
�
�
�
��
��
��
��
��
���
���
���
��
��
��
��
��
�
�
�
��
��
���
���
�����
��������
Figure 10. Connections for +9 V Single-Supply Operation
REV. C
REV. C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com