Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTP23P06VG Datasheet(PDF) 5 Page - ON Semiconductor

Part # MTP23P06VG
Description  Power MOSFET 23 Amps, 60 Volts
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MTP23P06VG Datasheet(HTML) 5 Page - ON Semiconductor

  MTP23P06VG Datasheet HTML 1Page - ON Semiconductor MTP23P06VG Datasheet HTML 2Page - ON Semiconductor MTP23P06VG Datasheet HTML 3Page - ON Semiconductor MTP23P06VG Datasheet HTML 4Page - ON Semiconductor MTP23P06VG Datasheet HTML 5Page - ON Semiconductor MTP23P06VG Datasheet HTML 6Page - ON Semiconductor MTP23P06VG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MTP23P06V
http://onsemi.com
5
DRAIN−TO−SOURCE DIODE CHARACTERISTICS
0
0.25
0.5
0.75
1
1.25
VSD, SOURCE−TO−DRAIN VOLTAGE (VOLTS)
Figure 8. Gate−To−Source and Drain−To−Source
Voltage versus Total Charge
Figure 9. Resistive Switching Time
Variation versus Gate Resistance
RG, GATE RESISTANCE (OHMS)
1
10
100
TJ = 25°C
ID = 23 A
VDD = 30 V
VGS = 10 V
tr
tf
td(off)
td(on)
TJ = 25°C
VGS = 0 V
Figure 10. Diode Forward Voltage versus Current
0
Qg, TOTAL GATE CHARGE (nC)
10
20
30
40
35
TJ = 25°C
ID = 23 A
VDS
VGS
0
5
10
15
1000
100
10
1
9
7
5
0
10
8
6
4
30
15
12
9
6
3
0
3
2
1
5
18
21
24
27
Q2
Q3
QT
Q1
20
25
1.5
1.75
2
2.25
2.5
15
25
SAFE OPERATING AREA
The Forward Biased Safe Operating Area curves define
the maximum simultaneous drain−to−source voltage and
drain current that a transistor can handle safely when it is
forward biased. Curves are based upon maximum peak
junction temperature and a case temperature (TC) of 25
°C.
Peak repetitive pulsed power limits are determined by using
the thermal response data in conjunction with the procedures
discussed
in
AN569,
“Transient
Thermal
Resistance−General Data and Its Use.”
Switching between the off−state and the on−state may
traverse any load line provided neither rated peak current
(IDM) nor rated voltage (VDSS) is exceeded and the
transition time (tr,tf) do not exceed 10
ms. In addition the total
power averaged over a complete switching cycle must not
exceed (TJ(MAX) − TC)/(RqJC).
A Power MOSFET designated E−FET can be safely used
in switching circuits with unclamped inductive loads. For
reliable operation, the stored energy from circuit inductance
dissipated in the transistor while in avalanche must be less
than the rated limit and adjusted for operating conditions
differing from those specified. Although industry practice is
to rate in terms of energy, avalanche energy capability is not
a constant. The energy rating decreases non−linearly with an
increase of peak current in avalanche and peak junction
temperature.
Although many E−FETs can withstand the stress of
drain−to−source avalanche at currents up to rated pulsed
current (IDM), the energy rating is specified at rated
continuous current (ID), in accordance with industry
custom. The energy rating must be derated for temperature
as shown in the accompanying graph (Figure 12). Maximum
energy at currents below rated continuous ID can safely be
assumed to equal the values indicated.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com