Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTP23P06VG Datasheet(PDF) 1 Page - ON Semiconductor

Part # MTP23P06VG
Description  Power MOSFET 23 Amps, 60 Volts
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MTP23P06VG Datasheet(HTML) 1 Page - ON Semiconductor

  MTP23P06VG Datasheet HTML 1Page - ON Semiconductor MTP23P06VG Datasheet HTML 2Page - ON Semiconductor MTP23P06VG Datasheet HTML 3Page - ON Semiconductor MTP23P06VG Datasheet HTML 4Page - ON Semiconductor MTP23P06VG Datasheet HTML 5Page - ON Semiconductor MTP23P06VG Datasheet HTML 6Page - ON Semiconductor MTP23P06VG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2006
June, 2006 − Rev. 4
1
Publication Order Number:
MTP23P06V/D
MTP23P06V
Preferred Device
Power MOSFET
23 Amps, 60 Volts
P−Channel TO−220
This Power MOSFET is designed to withstand high energy in the
avalanche and commutation modes. Designed for low voltage, high
speed switching applications in power supplies, converters and power
motor controls, these devices are particularly well suited for bridge
circuits where diode speed and commutating safe operating areas are
critical and offer additional safety margin against unexpected voltage
transients.
Features
• Avalanche Energy Specified
• IDSS and VDS(on) Specified at Elevated Temperature
• Pb−Free Package is Available*
MAXIMUM RATINGS (TC = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
60
Vdc
Drain−to−Gate Voltage (RGS = 1.0 MW)
VDGR
60
Vdc
Gate−to−Source Voltage
− Continuous
− Non−repetitive (tp ≤ 10 ms)
VGS
VGSM
± 15
± 25
Vdc
Vpk
Drain Current − Continuous @ 25
°C
Drain Current − Continuous @ 100
°C
Drain Current − Single Pulse (tp ≤ 10 ms)
ID
ID
IDM
23
15
81
Adc
Apk
Total Power Dissipation @ 25
°C
Derate above 25
°C
PD
90
0.60
W
W/
°C
Operating and Storage Temperature Range
TJ, Tstg
− 55 to 175
°C
Single Pulse Drain−to−Source Avalanche
Energy − Starting TJ = 25°C
(VDD = 25 Vdc, VGS = 10 Vdc, Peak
IL = 23 Apk, L = 3.0 mH, RG = 25 W)
EAS
794
mJ
Thermal Resistance − Junction−to−Case
Thermal Resistance − Junction−to−Ambient
RqJC
RqJA
1.67
62.5
°C/W
Maximum Lead Temperature for Soldering
Purposes, 1/8
″ from Case for 10 seconds
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
D
S
G
P−Channel
23 AMPERES, 60 VOLTS
RDS(on) = 120 mW
Preferred devices are recommended choices for future use
and best overall value.
Device
Package
Shipping
ORDERING INFORMATION
MTP23P06V
TO−220AB
50 Units/Rail
http://onsemi.com
MTP23P06VG
TO−220AB
(Pb−Free)
50 Units/Rail
TO−220AB
CASE 221A
STYLE 5
1
2
3
4
MARKING DIAGRAM
AND PIN ASSIGNMENT
MTP23P06V = Device Code
A
= Location Code
Y
= Year
WW
= Work Week
G
= Pb−Free Package
MTP
23P06VG
AYWW
1
Gate
3
Source
4
Drain
2
Drain


Similar Part No. - MTP23P06VG

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
MTP23P06VG VBSEMI-MTP23P06VG Datasheet
955Kb / 7P
P-Channel 60-V (D-S) MOSFET
More results

Similar Description - MTP23P06VG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MTD3055VL ONSEMI-MTD3055VL Datasheet
86Kb / 12P
Power MOSFET 12 Amps, 60 Volts
November, 2000 ??Rev. 3
NTD60N03 ONSEMI-NTD60N03 Datasheet
89Kb / 10P
Power MOSFET 60 Amps, 28 Volts
March, 2003 - Rev. 5
MTP23P06V ONSEMI-MTP23P06V Datasheet
81Kb / 8P
Power MOSFET 23 Amps, 60 Volts
November, 2000 ??Rev. 2
NTD32N06LT4G ONSEMI-NTD32N06LT4G Datasheet
103Kb / 7P
Power MOSFET 32 Amps, 60 Volts
June, 2007 - Rev. 5
NTD18N06L-001 ONSEMI-NTD18N06L-001 Datasheet
157Kb / 9P
Power MOSFET 18 Amps, 60 Volts
March, 2006 ??Rev. 2
NTP27N06L ONSEMI-NTP27N06L Datasheet
66Kb / 8P
Power MOSFET 27 Amps, 60 Volts
January, 2005 ??Rev. 3
NTD18N06-001 ONSEMI-NTD18N06-001 Datasheet
168Kb / 9P
Power MOSFET 18 Amps, 60 Volts
March, 2006 ??Rev. 2
NTD32N06L-001 ONSEMI-NTD32N06L-001 Datasheet
103Kb / 7P
Power MOSFET 32 Amps, 60 Volts
June, 2007 - Rev. 5
NTP52N10G ONSEMI-NTP52N10G Datasheet
164Kb / 7P
Power MOSFET 60 Amps, 100 Volts
March, 2006 ??Rev. 4
NTB45N06 ONSEMI-NTB45N06_11 Datasheet
148Kb / 7P
Power MOSFET 45 Amps, 60 Volts
October, 2011 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com