Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTP23P06VG Datasheet(PDF) 3 Page - ON Semiconductor

Part # MTP23P06VG
Description  Power MOSFET 23 Amps, 60 Volts
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MTP23P06VG Datasheet(HTML) 3 Page - ON Semiconductor

  MTP23P06VG Datasheet HTML 1Page - ON Semiconductor MTP23P06VG Datasheet HTML 2Page - ON Semiconductor MTP23P06VG Datasheet HTML 3Page - ON Semiconductor MTP23P06VG Datasheet HTML 4Page - ON Semiconductor MTP23P06VG Datasheet HTML 5Page - ON Semiconductor MTP23P06VG Datasheet HTML 6Page - ON Semiconductor MTP23P06VG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MTP23P06V
http://onsemi.com
3
TYPICAL ELECTRICAL CHARACTERISTICS
02
4
6
8
10
0
10
20
30
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
Figure 1. On−Region Characteristics
30
35
23
4
8
0
5
10
15
40
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
Figure 2. Transfer Characteristics
0
5
10
15
20
25
0.14
0.02
0.04
0.06
0.12
0
5
10
15
20
30
0.08
0.085
0.09
0.095
0.11
ID, DRAIN CURRENT (AMPS)
Figure 3. On−Resistance versus Drain Current
and Temperature
ID, DRAIN CURRENT (AMPS)
Figure 4. On−Resistance versus Drain Current
and Gate Voltage
−50
0
0.2
0.4
0.6
1.8
010
20
30
40
1
50
10
100
TJ, JUNCTION TEMPERATURE (°C)
Figure 5. On−Resistance Variation with
Temperature
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
Figure 6. Drain−To−Source Leakage
Current versus Voltage
TJ = 125°C
15 V
−25
0
25
50
75
100
150
TJ = 25°C
VDS ≥ 10 V
TJ = −55°C
25
°C
100
°C
TJ = 100°C
25
°C
−55
°C
TJ = 25°C
VGS = 0 V
VGS = 10V
VGS = 10 V
VGS = 10 V
VGS = 10 V
ID = 11.5 A
40
50
7 V
6 V
5 V
4 V
8 V
9 V
20
25
56
7
0.08
0.1
30
0.1
0.105
25
0.8
1
1.2
1.4
1.6
125
60
0.16
35
40
45
35
40
45
50
0.115
0.12
175



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com