Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABC40 Datasheet(PDF) 3 Page - Power-One

Part # ABC40
Description  40 W convection cooled, No minimum load required - single output models
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

ABC40 Datasheet(HTML) 3 Page - Power-One

  ABC40 Datasheet HTML 1Page - Power-One ABC40 Datasheet HTML 2Page - Power-One ABC40 Datasheet HTML 3Page - Power-One ABC40 Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BCD.00281_AA_September-18-2013
3
www.power-one.com
DATA SHEET
Notes:
1.
Maximum outputs for each output. Max power rating should not be exceeded.
2.
Output noise measurement is made with a 20 MHz bandwidth using a 6” twisted pair, terminated with a 10 uF tantalum
capacitor in parallel with a 0.1 uF ceramic capacitor.
3.
Safety Approved: 47 to 63 Hz.
4.
Minimum load specified to meet cross regulation.
5.
Specifications are for nominal input voltage, 25° C and max load unless otherwise stated.
6.
Class 1 models have Earthing tab J4. Class 2 models (-2 suffix) have no Earthing tab.
7.
Ripple and Noise may be 3% at initial start-up at -20 C.
8.
Specifications subject to change without notice.
9.
Warranty 2 years.
General Specifications
PARAMETER
DESCRIPTION/CONDITION
Hold Up Time
6 mSec
120 / 230 Vac input
MTBF
>100 khrs
MIL-HDBK-217F
Switching Frequency
67 kHz Typical
Isolation Voltage
Input to Output: Min 4242 Vdc
Input to Ground: Min 2120 Vdc
Weight
150 g (0.33 lbs)
Environmental
PARAMETER
DESCRIPTION/CONDITION
Operating Temperature
Operating
-20 to 70° C. See derating chart below.
Storage
-40 to +85° C.
Humidity
95%
Non Condensing
Altitude
Operating 10,000 ft.
Non-operating 40,000 ft
Conducted Emissions:
EN55022, FCC part 15- B
Harmonic current correction:
EN61000-3-2, Class A
Radiated Emissions
EN55011-B, FCC part 15-B
To be controlled in end system
Static Discharge
EN61000-4-2 Level 3
2, 3, 4, 5 Level 3
Conducted immunity:
EN61000-4-6
Safety
PARAMETER
DESCRIPTION/CONDITION
EN / UL / CSA
EN60950-1+A12:2011, IEC60950-1 2nd+A1 2009, CSA-22.2 No 60950-01-07+ A1,
UL60950-1-2011



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com