Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABC40 Datasheet(PDF) 1 Page - Power-One

Part # ABC40
Description  40 W convection cooled, No minimum load required - single output models
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

ABC40 Datasheet(HTML) 1 Page - Power-One

  ABC40 Datasheet HTML 1Page - Power-One ABC40 Datasheet HTML 2Page - Power-One ABC40 Datasheet HTML 3Page - Power-One ABC40 Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BCD.00281_AA_September-18-2013
1
www.power-one.com
DATA SHEET
Lighting
Industrial Processing
Applied Computing
Instrumentation
Automation Control
Robotics
Wireless Communications
Test and Measurement
ABC40 SERIES 40W AC/DC
40 W convection cooled
-20 to 50 deg C full load operation
90-264 VAC input
2” x 4 “ x 1.2” (101.6 x 50.8 x 30.48 mm)
No minimum load required - single output models
Conducted EMI EN 55022-B, FCC Part 15 Level B
ITE Safety Agency Approvals
RoHS Compliant
No load power < 0.3 W
FEATURES
APPLICATIONS


Similar Part No. - ABC40

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
ABC40 BEL-ABC40 Datasheet
660Kb / 5P
RoHS Compliant
ABC40-1005G BEL-ABC40-1005G Datasheet
660Kb / 5P
RoHS Compliant
ABC40-1005G BEL-ABC40-1005G Datasheet
547Kb / 6P
4 x 2 x 1.2 Inch Form Factor
ABC40-1012G BEL-ABC40-1012G Datasheet
660Kb / 5P
RoHS Compliant
ABC40-1012G BEL-ABC40-1012G Datasheet
547Kb / 6P
4 x 2 x 1.2 Inch Form Factor
More results

Similar Description - ABC40

ManufacturerPart #DatasheetDescription
logo
Power-One
ABC150 POWER-ONE-ABC150 Datasheet
542Kb / 4P
110 W convection cooled, No minimum load required
logo
XP Power Limited
CCB250 XPPOWER-CCB250 Datasheet
2Mb / 12P
250 W Convection Cooled
CCM250 XPPOWER-CCM250 Datasheet
1Mb / 12P
250 W Convection Cooled
CMH250 XPPOWER-CMH250 Datasheet
1Mb / 8P
250 W Convection-cooled
logo
Wurth Elektronik GmbH &...
177920524 WURTH-177920524 Datasheet
1Mb / 21P
No minimum load required
logo
Delta Electronics, Inc.
NC40 DELTA-NC40 Datasheet
993Kb / 14P
No minimum load required
D12S1R830 DELTA-D12S1R830 Datasheet
500Kb / 11P
No minimum load required
DNL10SIP20 DELTA-DNL10SIP20 Datasheet
878Kb / 17P
No minimum load required
DNT12SMD03 DELTA-DNT12SMD03 Datasheet
600Kb / 12P
No minimum load required
E48SC3R320 DELTA-E48SC3R320 Datasheet
539Kb / 15P
No minimum load required
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com