Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABC40 Datasheet(PDF) 2 Page - Power-One

Part # ABC40
Description  40 W convection cooled, No minimum load required - single output models
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

ABC40 Datasheet(HTML) 2 Page - Power-One

  ABC40 Datasheet HTML 1Page - Power-One ABC40 Datasheet HTML 2Page - Power-One ABC40 Datasheet HTML 3Page - Power-One ABC40 Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ABC40 Series
2
www.power-one.com
DATA SHEET
TECHNICAL DATA:
Input
PARAMETER
DESCRIPTION/CONDITION
Input voltage range
Universal Input
90 - 264 Vac
Input frequency range
47 to 400 Hz
Note 3
Input surge current
230 Vac (cold start)
60 A max.
Safety ground leakage current
230 Vac
1000 μA max
Input current:
120 Vac @ 40 W
230 Vac @ 40 W
0.85 A rms
0.45 A rms
Output
PARAMETER
DESCRIPTION/CONDITION
Voltage Adjustment
V1
± 10%
Transient Response
Main output 50 to 100% load change, 50/60
Hz, 50% duty cycle, 0.1A / uSec
< 10%, recovery time < 5 mS
Over Voltage Protection
130% Typical
V1 only
Short Circuit Protection
130% Typical
Remote Sense
V1
0.5 Vdc compensation
Efficiency
>85%
Set Point Tolerance
V1: ± 3%, V2 & V3: ± 5%
Rise Time
< 100 mSec
Ordering Information
PRODUCT
FAMILY
VOLTS
(VDC)
OUTPUT CURRENT
MAX (A)
MINIMUM
LOAD (A) (4)
RIPPLE &
NOISE
TOTAL
REGULATION
OVP THRESHOLD
ABC40-1005G
5.1
8.0
0
1%
± 0.8%
130% Typical
ABC40-1012G
12
3.5
0
1%
± 0.8%
130% Typical
ABC40-1015G
15
2.7
0
1%
± 0.8%
130% Typical
ABC40-1024G
24
1.7
0
1%
± 0.8%
130% Typical
ABC40-1048G
48
0.83
0
1%
± 0.8%
130% Typical
ABC40-3000G
5.2
6.0
0.5
1%
± 0.8%
130% Typical
12.5
2.0
0.1
1%
± 5.3%
-12.8
0.5
0.0
1%
± 5.3%
ABC40-3001G
5.2
6.0
0.5
1%
± 0.8%
130% Typical
23.8
1.0
0.1
1%
± 5.3%
-12.8
0.5
0.0
1%
± 5.3%
ABC40-3002G
5.2
6.0
0.5
1%
± 0.8%
130% Typical
14.6
1.5
0.1
1%
± 5.3%
-14.8
0.5
0.0
1%
± 5.3%
ABC40-3003G
3.3
6.0
1.0
1.5%
± 0.8%
130% Typical
5.2
3.0
0.1
1%
± 5.3%
-12.8
0.5
0.0
1%
± 5.3%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com