Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2EX1 Datasheet(PDF) 4 Page - Honeywell Solid State Electronics Center

Part # 2EX1
Description  Interactive Catalog Replaces Catalog Pages
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

2EX1 Datasheet(HTML) 4 Page - Honeywell Solid State Electronics Center

  2EX1 Datasheet HTML 1Page - Honeywell Solid State Electronics Center 2EX1 Datasheet HTML 2Page - Honeywell Solid State Electronics Center 2EX1 Datasheet HTML 3Page - Honeywell Solid State Electronics Center 2EX1 Datasheet HTML 4Page - Honeywell Solid State Electronics Center 2EX1 Datasheet HTML 5Page - Honeywell Solid State Electronics Center 2EX1 Datasheet HTML 6Page - Honeywell Solid State Electronics Center 2EX1 Datasheet HTML 7Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Limit and Enclosed Switches
EX Series
Explosion-Proof Switches
Honeywell Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
A123
CROSS ROLLER LEVER ACTUATED SWITCH
ORDER GUIDE
P.T.
D.T.
Elec.
O.F.
max.
max.
Rating
Catalog
N
mm
O.T.
mm
Description
Pg. A121
Listing
oz.
in.
max.
in.
CW actuation* 15 amp.
A
EX-CR
2,22-5,56
5,56
90°
0,18
SPDT
8-20
.219
.007
ONE-WAY ROLLER LEVER ACTUATED SWITCH
ORDER GUIDE
P.T.
D.T.
Elec.
O.F.
max.
max.
Rating
Catalog
N
mm
O.T.
mm
Description
Pg. A121
Listing
oz.
in.
max.
in.
CW actuation* 15 amp.
A
EX-AR128
2,22-5,56
5,56
90°
0,18
SPDT
8-20
.219
.007
LOW FORCE ROD LEVER ACTUATED SWITCH
ORDER GUIDE
O.F.
Elec.
max.
Rating
Catalog
N
P.T.
O.T.
Description
Pg. A121
Listing
oz.
max. min.
D.T.
Furnished without mounting
A
EX-AR1613
0,56
18°
40°
—
bracket. CW actuation*
2
15 amp. SPDT
MANUALLY ACTUATED SWITCH
ORDER GUIDE
O.F.
Elec.
max.
Rating
Catalog
N
Description
Pg. A121
Listing
lb.
Large 3 x 3.5 inch paddle for fast, easy operation.
15 amp.
A
EX-AR50
11,1
SPDT
2.5
OVERTRAVEL PLUNGER ACTUATED SWITCHES
ORDER GUIDE
O.F.
P.T.
O.T.
D.T.
Elec.
max.
max.
min.
max.
O.P.**
Rating
Catalog
N
mmmmmm
mm
Description
Pg. A121
Listing
lb.
in.
in.
in.
in.
15 amp.
A
EX-Q
13,34
1,98
4,78
0,10
47,22
SPDT
3
.078
.188
.004
1.859
20 amp.
B
EXA-Q
8,90
1,27
3,18
0,23
46,02
SPDT
2
.050
.125
.009
1.812
Also UL listed
15 amp
A
EX-Q800
13,34
1,98
4,78
0,10
47,22
for Class I,
SPDT
3
.078
.188
.004
1.859
Group B
10 amps
C
EXD-Q-3†
13,34
3,96
3,58
1,52
46,02
(hydrogen)
DPDT
3
.156
.141
.060
1.812
atmospheres.
With seal boot on plunger.
D
EX-N15
13,34
1,98
4,78
0,10
52,32
10 amp. SPDT
3
.078
.188
.004
2.060
* CW (Clockwise) or CCW actuation, when looking at
nameplate.
** Tolerance ± 1,52 in./.060 mm.
† Furnished with 0,91 m (3 ft.) leadwire.
Characteristics: O.F. — Operating Force; P.T. —
Pretravel; O.T. — Overtravel; D.T. — Differential
Travel
N
Newtons



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com