Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2EX1 Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # 2EX1
Description  Interactive Catalog Replaces Catalog Pages
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

2EX1 Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  2EX1 Datasheet HTML 1Page - Honeywell Solid State Electronics Center 2EX1 Datasheet HTML 2Page - Honeywell Solid State Electronics Center 2EX1 Datasheet HTML 3Page - Honeywell Solid State Electronics Center 2EX1 Datasheet HTML 4Page - Honeywell Solid State Electronics Center 2EX1 Datasheet HTML 5Page - Honeywell Solid State Electronics Center 2EX1 Datasheet HTML 6Page - Honeywell Solid State Electronics Center 2EX1 Datasheet HTML 7Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Limit and Enclosed Switches
EX Series
Explosion-Proof Switches
Honeywell Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
A121
Single-Conduit
Connect Switch*
* See page A124 for double conduit connect switches.
EX switches feature the smallest UL-listed
housings available for use in hazardous lo-
cations. Flame paths within the housing
cool exploding gases below the kindling
temperature before they reach the explosive
gases surrounding the housing.
The enclosed switching unit, which is held in
place by screws, is accessible when the
cover plate is removed. A tapped conduit
opening is located in one end of one group
of EX listings (pages A122-A123); while a
second group (page A124) has a conduit
opening in each end of the switch.
These switches are not sealed against liq-
uids and are not intended to be subjected to
liquid splash or for outdoor applications. If a
sealed explosion-proof switch is required,
refer to the type CX and LSX.
ELECTRICAL RATINGS
Circuitry
Electrical Ratings
A
UL/CSA Rating:
15 amps, 125, 250 or 480 VAC;
1
⁄8 Hp, 125 VAC; 1⁄4 Hp, 250 VAC;
1
⁄2 amp, 125 VDC; 1⁄4 amp, 250 VDC.
Single-Pole
Double-Throw
B
UL/CSA Rating:
20 amps, 125, 250 or 480 VAC;
10 amps, 125 VAC ‘‘L’’;
1 Hp, 125 VAC; 2 Hp, 250 VAC;
Single-Pole
1
⁄2 amp, 125 VDC; 1⁄4 amp, 250 VDC.
Double-Throw
C
UL/CSA Rating:
10 amps, 125 or 250 VAC;
0.3 amp, 125 VDC; 0.15 amp, 250 VDC.
Double-Pole
Double-Throw
D
UL/CSA Rating:
10 amps, 125, 250 or 480 VAC;
1
⁄2 amp, 125 VDC; 1⁄4 amp, 250 VDC.
Single-Pole
Double-Throw
E
UL Rating:
1 amp, 125 VAC.
Single-Pole
Double-Throw
FEATURES
NEMA 1, 7 and 9
Compact, rugged housing
Up to 20 amp capacity
Ample wiring space
Mounts from 4 sides
Roller arms adjustable through 360°
Non-sparking actuators
Captive cover screws
UL Listed, file #E14274
CSA Certified, file #LR57324
Grounding screw
NEMA
NEMA standards: 1, 7 and 9.
UL listed and CSA certified: Class I, Div. 1,
Groups B, C and D (Group B - only as noted
in order guides); and Class II, Div. 1, Groups
E, F and G.
Also refer to NEMA application note in the
Reference Standards section at the rear of
this catalog.
TEMPERATURE RANGE
EX switches are for use in a temperature
range of –40 to 160°F (–40 to 71°C). For
applications outside these limits, please call
the 800 number.
ACTUATORS
Roller arm versions are designed for cam or
slide operation. Listings include clockwise
and counterclockwise actuation. Levers are
adjustable through 360°. The roller is non-
sparking material.
The cross-roller arm switch is for use where
the operating mechanism approaches from
a direction perpendicular to the longitudinal
axis of the switch.
The overtravel plunger has a case harden-
ed, radius tipped, push-rod plunger guided
by a sturdy bushing.
The manually operated switch has a large
paddle-shaped actuator.
REPLACEMENT PARTS
Available replacement parts are listed on
page A125. An installation sheet packed
with each switch describes these parts in
detail and explains how they are installed.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com