Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2EX1 Datasheet(PDF) 5 Page - Honeywell Solid State Electronics Center

Part # 2EX1
Description  Interactive Catalog Replaces Catalog Pages
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

2EX1 Datasheet(HTML) 5 Page - Honeywell Solid State Electronics Center

  2EX1 Datasheet HTML 1Page - Honeywell Solid State Electronics Center 2EX1 Datasheet HTML 2Page - Honeywell Solid State Electronics Center 2EX1 Datasheet HTML 3Page - Honeywell Solid State Electronics Center 2EX1 Datasheet HTML 4Page - Honeywell Solid State Electronics Center 2EX1 Datasheet HTML 5Page - Honeywell Solid State Electronics Center 2EX1 Datasheet HTML 6Page - Honeywell Solid State Electronics Center 2EX1 Datasheet HTML 7Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Limit and Enclosed Switches
EX Series
Explosion-Proof Switches
A124
Honeywell Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
Double-conduit
connect switch
EX switches on this page have conduit
openings on each side of the enclosure
which enable through-wiring. This feature
also allows the user to split the wiring of a
double-pole switch, with one-pole exiting
from each side.
The enclosure is larger than EX switches
with one conduit opening and provides ad-
ditional space for wiring.
NEMA
Double-conduit connect EX switches also
meet the applicable portions of the NEMA
classifications listed on page A121.
ROLLER LEVER ACTUATED SWITCHES
ORDER GUIDE
P.T.
D.T.
Elec.
O.F.
max.
max.
Rating
Catalog
N
mm
O.T.
mm
Description
Pg. A121
Listing
oz.
in.
max.
in.
Two 1⁄2 in. conduit openings.
A
1EX1
2,22-5,56
5,56
90°
0,18
CW actuation.* 15 amp.
8-20
.219
.007
SPDT.
Two 1⁄2 in. conduit openings.
B
2EX1
3,61-8,90
5,56
25°
0,3
CW actuation.* 20 amp.
13-32
.219
.012
SPDT.
Two 3⁄4 in. conduit openings.
C
4EX1-3†
2,22-6,67
6,35
25°
2,77
CW actuation.* 10 amp.
8-24
.250
.109
DPDT.
* CW (clockwise) or CCW actuation, when looking at
nameplate.
N
Newtons
† Furnished with 0,91 m (3 ft.) leadwire.
Characteristics: O.F. — Operating Force; P.T. —
Pretravel; O.T. — Overtravel; D.T. — Differential
Travel.
MOUNTING BRACKETS
15PA85-EX is used for top, bottom, back or
end mounting. It is furnished with each
switch, except where noted in the order
guides.
15PA86-EX is ordered separately for top
mounting of plunger switches. EX switches
may also be direct mounted, using 10-32
UNF screws.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com