Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5001GSTR Datasheet(PDF) 3 Page - IXYS Corporation

Part # CPC5001GSTR
Description  Dual, One Channel Each Direction Digital Optical Isolator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5001GSTR Datasheet(HTML) 3 Page - IXYS Corporation

  CPC5001GSTR Datasheet HTML 1Page - IXYS Corporation CPC5001GSTR Datasheet HTML 2Page - IXYS Corporation CPC5001GSTR Datasheet HTML 3Page - IXYS Corporation CPC5001GSTR Datasheet HTML 4Page - IXYS Corporation CPC5001GSTR Datasheet HTML 5Page - IXYS Corporation CPC5001GSTR Datasheet HTML 6Page - IXYS Corporation CPC5001GSTR Datasheet HTML 7Page - IXYS Corporation CPC5001GSTR Datasheet HTML 8Page - IXYS Corporation CPC5001GSTR Datasheet HTML 9Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
INTEGRATED CIRCUITS DIVISION
CPC5001
R01
www.ixysic.com
3
1
Specifications
1.1 Package Pinout
1.2 Pin Description
1.3 Absolute Maximum Ratings
Electrical Absolute Maximum Ratings are at 25°C. Voltages with respect to local ground: GNDA or GNDB.
1 Derate total power by 7.5mW/°C above 25°C.
Absolute maximum ratings are stress ratings. Stresses in excess of these ratings can cause permanent damage to the device.
Functional operation of the device at conditions beyond those indicated in the operational sections of this data sheet is not
implied.
1.4 ESD Rating
1.5 Thermal Characteristics
1
2
3
4
8
7
6
5
Pin#
Name
Description
1IN1
Input, Channel 1
2GNDA
Supply Return - Side A
3OUT2
Output, Channel 2
4
VDDA
Supply Voltage - Side A
5IN2
Input, Channel 2
6
GNDB
Supply Return - Side B
7OUT1
Output, Channel 1
8
VDDB
Supply Voltage - Side B
Parameter
Symbol
Min
Max
Units
Supply Voltage, Side A
VDDA
-0.5
+6.5
V
Supply Voltage, Side B
VDDB
-0.5
+6.5
V
Input Voltage
VIOx
-0.3
VDDx + 0.3
V
Total Package Power Dissipation 1
PTOT
-800
mW
Isolation Voltage, Input to Output
-
60 Seconds
3750
-
Vrms
2 Seconds
4500
-
Operating Temperature
TA
-40
+85
°C
Operating Relative Humidity
(Non-condensing)
RH
585
%
Storage Temperature
TSTG
-50
+125
°C
ESD Rating (Human Body Model)
4000V
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Thermal Resistance, Junction to Ambient
Free Air
RJA
-
114
-
°C/W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com