Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5001GSTR Datasheet(PDF) 5 Page - IXYS Corporation

Part # CPC5001GSTR
Description  Dual, One Channel Each Direction Digital Optical Isolator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5001GSTR Datasheet(HTML) 5 Page - IXYS Corporation

  CPC5001GSTR Datasheet HTML 1Page - IXYS Corporation CPC5001GSTR Datasheet HTML 2Page - IXYS Corporation CPC5001GSTR Datasheet HTML 3Page - IXYS Corporation CPC5001GSTR Datasheet HTML 4Page - IXYS Corporation CPC5001GSTR Datasheet HTML 5Page - IXYS Corporation CPC5001GSTR Datasheet HTML 6Page - IXYS Corporation CPC5001GSTR Datasheet HTML 7Page - IXYS Corporation CPC5001GSTR Datasheet HTML 8Page - IXYS Corporation CPC5001GSTR Datasheet HTML 9Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
INTEGRATED CIRCUITS DIVISION
CPC5001
R01
www.ixysic.com
5
2
Switching Waveforms
0.5 • V
DD = 1.65V
0.5 • V
DD = 1.65V
t
PLH
0
1.0
2.0
3.0
4.0
0
1.0
2.0
3.0
4.0
0
0.275
0.55
0.825
1.1
TIME (
μs)
TIME (
μs)
V
IN
V
OUT
t
PHL
0
0.275
0.55
0.825
1.1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com