Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5001GSTR Datasheet(PDF) 6 Page - IXYS Corporation

Part # CPC5001GSTR
Description  Dual, One Channel Each Direction Digital Optical Isolator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5001GSTR Datasheet(HTML) 6 Page - IXYS Corporation

  CPC5001GSTR Datasheet HTML 1Page - IXYS Corporation CPC5001GSTR Datasheet HTML 2Page - IXYS Corporation CPC5001GSTR Datasheet HTML 3Page - IXYS Corporation CPC5001GSTR Datasheet HTML 4Page - IXYS Corporation CPC5001GSTR Datasheet HTML 5Page - IXYS Corporation CPC5001GSTR Datasheet HTML 6Page - IXYS Corporation CPC5001GSTR Datasheet HTML 7Page - IXYS Corporation CPC5001GSTR Datasheet HTML 8Page - IXYS Corporation CPC5001GSTR Datasheet HTML 9Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
INTEGRATED CIRCUITS DIVISION
CPC5001
6
www.ixysic.com
R01
3
Performance Characteristics
4
Functional Description
4.1 Introduction
The CPC5001 combines the functions of two input
buffer/LED driver gates and two unidirectional logic
optoisolators in a single 8-pin package. The isolators
are arranged for one input and one output at each side
of the isolation barrier, which enables Channel 1 to
send signals from side A to Side B, and Channel 2 to
send signals from the Side B to the Side A. If different
supply voltage levels are used at each side, then the
part, in conjunction with its external pullup resistors,
will perform logic level translation for VDD between
2.7V and 5.5V at either side.
The part provides galvanic isolation for voltages up to
3750Vrms. Its CMOS circuitry includes a bandgap
reference to ensure that the LEDs receive consistent
drive current levels over the allowed range of VDD
voltages. The supply currents at IDDA and IDDB are
much smaller than those required by bipolar solutions,
and are stable over temperature. The circuits also
ensure that the IDD current into each VDD package pin
remains constant for both high and low input signals.
This can greatly reduce the size of external decoupling
capacitors when compared with optoisolators
fabricated in a bipolar process wherein the supply
current can double when the LED is on.
The rotationally symmetric pinout ensures that the
part operates normally even if installed with 180°
rotation.
Temperature (ºC)
-40
-20
0
20
40
60
80100
0.25
0.30
0.35
0.40
0.45
0.50
0.55
Typical Output Voltage, V
OLA , VOLB
vs. Temperature
(I
SINKA=6mA)
V
DD=2.7V
V
DD=3.3V
V
DD=5.5V
Supply Voltage (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Supply Current I
DDA, IDDB
vs. Supply Voltage
Supply Voltage (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.60
Logic-Low Output Level V
OL
vs. Supply Voltage
(I
SINK=6mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
40
60
80
100
120
140
160
Propagation Delay A to B and B to A
(V
DD=3.3V, CL=20pF, RPU=475Ω)
t
PHL
t
PLH
Temperature (ºC)
-40
-20
0
20
40
60
80
100
4.5
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
Supply Current I
DDA, IDDB
vs. Temperature
(V
DD=5.5V, RPU=820Ω)
Supply Voltage (V)
0.30
0.35
0.40
0.45
0.50
0.55
0.60
0.65
0.70
V
IL Falling, VIH Rising
vs. Supply Voltage
V
IH
V
IL
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com