Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-0708 Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-0708
Description  High Speed CMOS Optocoupler
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-0708 Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-0708 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-0708 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-0708 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-0708 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-0708 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-0708 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-0708 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-0708 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-0708 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image

Figure 1. Typical input diode forward characteristic.
Figure 2. Typical input threshold current vs.
temperature.
Figure 3. Typical logic high O/P supply current vs.
temperature.
Figure 4. Typical logic low O/P supply current vs.
temperature.
Figure 5. Typical switching speed vs. pulse input
current.
-40
2
TA – TEMPERATURE – °C
100
7
3
85
0
25
8
6
4
5
VDD = 5.0 V
IOL = 20 µA
-40
2.0
TA – TEMPERATURE – °C
100
5.5
HCPL-0708 fig 3
3.0
85
0
25
6.0
4.5
3.5
4.0
VDD = 5.0 V
2.5
5.0
-40
4.0
TA – TEMPERATURE – °C
100
7.5
HCPL-0708 fig 4
5.0
85
0
25
8.0
6.5
5.5
6.0
VDD = 5.0 V
4.5
7.0
5
0
IF – PULSE INPUT CURRENT – mA
14
45
HCPL-0708 fig 5
10
11
7
9
50
30
20
25
5
40
6
8
10
12 13
15
35
VDD = 5.0 V
TA = 25 °C
Tphl
Tplh
PWD
VF – FORWARD VOLTAGE – V
100
10
0.1
0.01
1.1
1.2
1.3
1.4
1.6
1.5
1.0
0.001
1000
IF
VF
+
T = 25°C
A
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com