Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-0708 Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-0708
Description  High Speed CMOS Optocoupler
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-0708 Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-0708 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-0708 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-0708 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-0708 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-0708 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-0708 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-0708 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-0708 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-0708 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Application Information
Bypassing and PC Board Layout
The HCPL-0708 optocoupler is extremely easy to use. No
external interface circuitry is required because the HCPL-
0708 uses high-speed CMOS IC technology allowing
CMOS logic to be connected directly to the inputs and
outputs.
Figure 6. Recommended printed circuit board layout.
Figure 7. Recommended printed circuit board layout.
Propagation Delay, Pulse-Width Distortion and Propagation
Delay Skew
Propagation Delay is a figure of merit which describes
how quickly a logic signal propagates through a sys-
tem. The propagation delay from low to high (tPLH) is the
amount of time required for an input signal to propagate
to the output, causing the output to change from low
Figure 8.
INPUT
tPLH
tPHL
OUTPUT
IF
VO
10%
90%
90%
10%
VOH
VOL
0 mA
50%
12 mA
2.5 V CMOS
7
5
6
8
2
3
4
1
GND
C
NC
VDD
VO
IF
C1, C2 = 0.01 µF TO 0.1 µF
VDD
C2
VO
GND
IF
C1, C2 = 0.01 µF TO 0.1 µF
As shown in Figure 6, the only external component re-
quired for proper operation is the bypass capacitor. Ca-
pacitor values should be between 0.01 µF and 0.1 µF. For
each capacitor, the total lead length between both ends
of the capacitor and the power-supply pins should not
exceed 20 mm. Figure 7 illustrates the recommended
printed circuit board layout for the HPCL-0708.
to high. Similarly, the propagation delay from high to
low (tPHL) is the amount of time required for the input
signal to propagate to the output, causing the output to
change from high to low. See Figure 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com