Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-0708 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-0708
Description  High Speed CMOS Optocoupler
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-0708 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-0708 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-0708 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-0708 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-0708 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-0708 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-0708 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-0708 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-0708 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-0708 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Description
Available in SO-8 package, the HCPL-0708 optocoupler
utilizes the latest CMOS IC technology to achieve out-
standing performance with very low power consump-
tion. Basic building blocks of the HCPL-0708 are a high
speed LED and a CMOS detector IC. The detector incor-
porates an integrated photodiode, a high-speed trans-
impedance amplifier, and a voltage comparator with an
output driver.
Features
• +5 V CMOS compatibility
• 15 ns typical pulse width distortion
• 30 ns max. pulse width distortion
• 40 ns max. propagation delay skew
• High speed: 15 MBd
• 60 ns max. propagation delay
• 10 kV/µs minimum common mode rejection
• –40 to 100°C temperature range
• Safety and regulatory approvals pending
– UL recognized
3750 V rms for 1 min. per UL 1577 for HCPL-0708
– CSA component acceptance Notice #5
– IEC/EN/DIN EN 60747-5-2
approved for HCPL-0708 Option 060
Applications
• Scan drive in PDP
• Digital field bus isolation: DeviceNet, SDS, Profibus
• Multiplexed data transmission
• Computer peripheral interface
• Microprocessor system interface
Functional Diagram
*A 0.1 µF bypass capacitor must be
connected between pins 5 and 8.
HCPL-0710 Functional Diagram
8
7
6
1
3
5
2
4
NC
ANODE
CATHODE
NC
VDD
VO
GND
LED
OFF
ON
TRUTH TABLE
NC
VO, OUTPUT
H
L
HCPL-0708
High Speed CMOS Optocoupler
Data Sheet
Lead (Pb) Free
RoHS 6 fully
compliant
RoHS 6 fully compliant options available;
-xxxE denotes a lead-free product
CAUTION: It is advised that normal static precautions be taken in handling and assembly
of this component to prevent damage and/or degradation which may be induced by ESD.


Similar Part No. - HCPL-0708

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-0708 HP-HCPL-0708 Datasheet
264Kb / 10P
High Speed CMOS Optocoupler
HCPL-0708060 HP-HCPL-0708060 Datasheet
264Kb / 10P
High Speed CMOS Optocoupler
HCPL-0708500 HP-HCPL-0708500 Datasheet
264Kb / 10P
High Speed CMOS Optocoupler
More results

Similar Description - HCPL-0708

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH6315 SIEMENS-SFH6315 Datasheet
69Kb / 4P
HIGH SPEED OPTOCOUPLER
SFH6315T SIEMENS-SFH6315T Datasheet
48Kb / 4P
HIGH SPEED OPTOCOUPLER
logo
Agilent(Hewlett-Packard...
HCPL0708 HP-HCPL0708 Datasheet
264Kb / 10P
High Speed CMOS Optocoupler
HCPL0738 HP-HCPL0738 Datasheet
207Kb / 8P
High Speed CMOS Optocoupler
logo
Sensitron
SHD-4134-XXX SENSITRON-SHD-4134-XXX Datasheet
85Kb / 4P
High Speed CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0738 AVAGO-HCPL-0738 Datasheet
192Kb / 2P
High Speed CMOS Optocoupler
ACPL-072L-560E AVAGO-ACPL-072L-560E Datasheet
313Kb / 11P
3.3V/5V High Speed CMOS Optocoupler
HCPL-0738-500E AVAGO-HCPL-0738-500E Datasheet
217Kb / 8P
High Speed CMOS Optocoupler
HCPL-0738-000E AVAGO-HCPL-0738-000E Datasheet
167Kb / 8P
High Speed CMOS Optocoupler
ACPL-772L AVAGO-ACPL-772L Datasheet
313Kb / 11P
3.3V/5V High Speed CMOS Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com