Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7702 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7702
Description  LMP7701/LMP7702/LMP7704 Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP7702 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMP7702 Datasheet HTML 7Page - Texas Instruments LMP7702 Datasheet HTML 8Page - Texas Instruments LMP7702 Datasheet HTML 9Page - Texas Instruments LMP7702 Datasheet HTML 10Page - Texas Instruments LMP7702 Datasheet HTML 11Page - Texas Instruments LMP7702 Datasheet HTML 12Page - Texas Instruments LMP7702 Datasheet HTML 13Page - Texas Instruments LMP7702 Datasheet HTML 14Page - Texas Instruments LMP7702 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
0
2
4
6
8
10
-500
-250
0
250
500
VCM (V)
VS = 10V
-40°C
25°C
0
2
4
6
8
10
-300
-200
-100
0
100
200
300
VCM (V)
VS = 10V
85°C
125°C
0
1
2
3
4
5
-300
-200
-100
0
100
200
300
VCM (V)
VS = 5V
-40°C
25°C
0
1
2
3
VCM (V)
-300
-200
0
200
300
100
-100
85°C
125°C
4
5
VS = 5V
0
0.5
1
1.5
2
2.5
3
VCM (V)
-200
-100
0
100
200
VS = 3V
-40°C
25°C
0
1
2
3
VCM (V)
-300
-200
0
200
300
VS = 3V
0.5
1.5
2.5
100
-100
85°C
125°C
LMP7701, LMP7702, LMP7704
www.ti.com
SNOSAI9H – SEPTEMBER 2005 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Unless otherwise noted: TA = 25°C, VCM = VS/2, RL > 10 kΩ.
Input Bias Current
Input Bias Current
vs.
vs.
VCM
VCM
Figure 18.
Figure 19.
Input Bias Current
Input Bias Current
vs.
vs.
VCM
VCM
Figure 20.
Figure 21.
Input Bias Current
vs.
VCM
Input Bias Current vs. VCM
Figure 22.
Figure 23.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMP7701 LMP7702 LMP7704



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com