Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7702 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7702
Description  LMP7701/LMP7702/LMP7704 Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP7702 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LMP7702 Datasheet HTML 14Page - Texas Instruments LMP7702 Datasheet HTML 15Page - Texas Instruments LMP7702 Datasheet HTML 16Page - Texas Instruments LMP7702 Datasheet HTML 17Page - Texas Instruments LMP7702 Datasheet HTML 18Page - Texas Instruments LMP7702 Datasheet HTML 19Page - Texas Instruments LMP7702 Datasheet HTML 20Page - Texas Instruments LMP7702 Datasheet HTML 21Page - Texas Instruments LMP7702 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
ESD
R1
IN
+
ESD
D1
D2
R2
ESD
IN
-
ESD
V
+
V
-
V
-
V
+
1k
10k
100k
1M
10M
FREQUENCY (Hz)
-10
-8
-6
-4
-2
0
2
VS = 5V
R1 = R2 = 100 k:
AV = -1
CF = 5 pF
CF = 3 pF
CF = 1 pF
CF = 0 pF
(1 - AV)
2
2A0AVCIN
<
R1
LMP7701, LMP7702, LMP7704
SNOSAI9H – SEPTEMBER 2005 – REVISED MARCH 2013
www.ti.com
Equation 1 has two poles. In most cases, it is the presence of pairs of poles that causes gain peaking. In order to
eliminate this effect, the poles should be placed in Butterworth position, since poles in Butterworth position do not
cause gain peaking. To achieve a Butterworth pair, the quantity under the square root in Equation 1 should be
set to equal
−1. Using this fact and the relation between R1 and R2, R2 = −AV R1, the optimum value for R1 can
be found. This is shown in Equation 2. If R1 is chosen to be larger than this optimum value, gain peaking will
occur.
(2)
In Figure 46, CF is added to compensate for input capacitance and to increase stability. Additionally, CF reduces
or eliminates the gain peaking that can be caused by having a larger feedback resistor. Figure 48 shows how CF
reduces gain peaking.
Figure 48. Closed Loop Gain vs. Frequency with Compensation
DIODES BETWEEN THE INPUTS
The LMP7701/LMP7702/LMP7704 have a set of anti-parallel diodes between the input pins, as shown in
Figure 49. These diodes are present to protect the input stage of the amplifier. At the same time, they limit the
amount of differential input voltage that is allowed on the input pins. A differential signal larger than one diode
voltage drop might damage the diodes. The differential signal between the inputs needs to be limited to ±300 mV
or the input current needs to be limited to ±10 mA.
Figure 49. Input of LMP7701
18
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LMP7701 LMP7702 LMP7704



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com