Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7702 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7702
Description  LMP7701/LMP7702/LMP7704 Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP7702 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMP7702 Datasheet HTML 17Page - Texas Instruments LMP7702 Datasheet HTML 18Page - Texas Instruments LMP7702 Datasheet HTML 19Page - Texas Instruments LMP7702 Datasheet HTML 20Page - Texas Instruments LMP7702 Datasheet HTML 21Page - Texas Instruments LMP7702 Datasheet HTML 22Page - Texas Instruments LMP7702 Datasheet HTML 23Page - Texas Instruments LMP7702 Datasheet HTML 24Page - Texas Instruments LMP7702 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
SENSOR
V
+
V
-
RS
+
-
IB
VIN+
VS
+
-
10
1k
100k
10M
RS (:)
0.1
1
10
1000
1M
10k
100
100
eni
en
ei
et
LMP7701, LMP7702, LMP7704
www.ti.com
SNOSAI9H – SEPTEMBER 2005 – REVISED MARCH 2013
Figure 52. Total Input Noise
HIGH IMPEDANCE SENSOR INTERFACE
Many sensors have high source impedances that may range up to 10 M
Ω. The output signal of sensors often
needs to be amplified or otherwise conditioned by means of an amplifier. The input bias current of this amplifier
can load the sensor's output and cause a voltage drop across the source resistance as shown in Figure 53,
where VIN
+ = V
S – IBIAS*RS
The last term, IBIAS*RS, shows the voltage drop across RS. To prevent errors introduced to the system due to this
voltage, an op amp with very low input bias current must be used with high impedance sensors. This is to keep
the error contribution by IBIAS*RS less than the input voltage noise of the amplifier, so that it will not become the
dominant noise factor.
Figure 53. Noise Due to IBIAS
pH electrodes are very high impedance sensors. As their name indicates, they are used to measure the pH of a
solution. They usually do this by generating an output voltage which is proportional to the pH of the solution. pH
electrodes are calibrated so that they have zero output for a neutral solution, pH = 7, and positive and negative
voltages for acidic or alkaline solutions. This means that the output of a pH electrode is bipolar and has to be
level shifted to be used in a single supply system. The rate of change of this voltage is usually shown in mV/pH
and is different for different pH sensors. Temperature is also an important factor in a pH electrode reading. The
output voltage of the senor will change with temperature.
Figure 54 shows a typical output voltage spectrum of a pH electrode. Note that the exact values of output voltage
will be different for different sensors. In this example, the pH electrode has an output voltage of 59.15 mV/pH at
25°C.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LMP7701 LMP7702 LMP7704



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com