Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48100Q Datasheet(PDF) 17 Page - Texas Instruments

Part # LM48100Q
Description  LM48100Q Boomer Mono, 1.3W Audio Power Amplifier with Output Fault Detection and Volume Control
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM48100Q Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM48100Q Datasheet HTML 13Page - Texas Instruments LM48100Q Datasheet HTML 14Page - Texas Instruments LM48100Q Datasheet HTML 15Page - Texas Instruments LM48100Q Datasheet HTML 16Page - Texas Instruments LM48100Q Datasheet HTML 17Page - Texas Instruments LM48100Q Datasheet HTML 18Page - Texas Instruments LM48100Q Datasheet HTML 19Page - Texas Instruments LM48100Q Datasheet HTML 20Page - Texas Instruments LM48100Q Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
BIAS
U1
VDD
C4
2.2 PF
C3
0.1 PF
13
5
14
GND
VDD
I2CVDD
VDD
IN1
12
IN1
0.1 PF
C7
I2CVDD
IN2
11
IN2
0.1 PF
C6
PGND
PVDD
8
10
C2
1 PF
C1
10 PF
VDD
+
GND
OUTA
OUTA
OUTB
OUTB
FAULT
FAULT
9
7
1
4
I2CVDD
JU1
6
ADR
VDD
R3
1.5k
LM48100
3
1
2
C5
0.1 PF
VDD
I2CVDD
2
SCL
SCL
3
SDA
SDA
R2
5k
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
MOUNTING
SUPPORT
JU2
R1
5k
I2CVDD
SDA
SCL
J2
LM48100Q
www.ti.com
SNAS470D – OCTOBER 2008 – REVISED MARCH 2013
Demo Board Schematic
Figure 17. LM48100Q Demo Board Schematic
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM48100Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com