Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48100Q Datasheet(PDF) 2 Page - Texas Instruments

Part # LM48100Q
Description  LM48100Q Boomer Mono, 1.3W Audio Power Amplifier with Output Fault Detection and Volume Control
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM48100Q Datasheet(HTML) 2 Page - Texas Instruments

  LM48100Q Datasheet HTML 1Page - Texas Instruments LM48100Q Datasheet HTML 2Page - Texas Instruments LM48100Q Datasheet HTML 3Page - Texas Instruments LM48100Q Datasheet HTML 4Page - Texas Instruments LM48100Q Datasheet HTML 5Page - Texas Instruments LM48100Q Datasheet HTML 6Page - Texas Instruments LM48100Q Datasheet HTML 7Page - Texas Instruments LM48100Q Datasheet HTML 8Page - Texas Instruments LM48100Q Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
1
2
3
4
5
6
7
14
13
12
11
10
9
8
FAULT
SDA
SCL
I
2
CVDD
GND
ADR
OUTA
PGND
OUTB
PVDD
IN2
IN1
BIAS
VDD
VOLUME CONTROL
-80 dB TO +18 dB
MIXER/MULITPLEXER
I
2
C CONTROL
BIAS
FAULT
DETECTION
VDD
PVDD
+1.8V to +5.5V
I
2
CVDD
SDA
SCL
ADR
IN2
IN1
BIAS
GND
PGND
FAULT
OUTA
OUTB
VDD
+6 dB
0.1 PF
0.1 PF
0.1 PF
0.1 PF
2.2 PF
1.5 k:
1 PF
VOLUME CONTROL
-80 dB TO +18 dB
3.0V to 5.5V
CB
CB
CIN1
CIN2
CBIAS
CB
RPU
LM48100Q
SNAS470D – OCTOBER 2008 – REVISED MARCH 2013
www.ti.com
Typical Application
Figure 1. Typical Audio Amplifier Application Circuit
Connection Diagram
Figure 2. HTSSOP Package
Top View
See Package Number PWP0014A
2
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM48100Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com