Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48100Q Datasheet(PDF) 3 Page - Texas Instruments

Part # LM48100Q
Description  LM48100Q Boomer Mono, 1.3W Audio Power Amplifier with Output Fault Detection and Volume Control
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM48100Q Datasheet(HTML) 3 Page - Texas Instruments

  LM48100Q Datasheet HTML 1Page - Texas Instruments LM48100Q Datasheet HTML 2Page - Texas Instruments LM48100Q Datasheet HTML 3Page - Texas Instruments LM48100Q Datasheet HTML 4Page - Texas Instruments LM48100Q Datasheet HTML 5Page - Texas Instruments LM48100Q Datasheet HTML 6Page - Texas Instruments LM48100Q Datasheet HTML 7Page - Texas Instruments LM48100Q Datasheet HTML 8Page - Texas Instruments LM48100Q Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LM48100Q
www.ti.com
SNAS470D – OCTOBER 2008 – REVISED MARCH 2013
BUMP DESCRIPTIONS
Pin
Pin Name
Description
Open-Drain output fault flag. FAULT = 0 indicates that a fault
1
FAULT
condition has occurred.
2
SCL
I2C Clock Input
3
SDA
I2C Serial Data Input
4
I2CVDD
I2C Interface Power Supply
5
GND
Ground
I2C Address Bit. Connect to I2CVDD to set address bit, B1 = 1.
6
ADR
Connect to GND to set address bit B1 = 0
7
OUTA
Non-Inverting Audio Output
8
PGND
Power Ground
9
OUTB
Inverting Audio Output
10
PVDD
Output Amplifier Power Supply
11
IN2
Audio Input 2
12
IN1
Audio Input 1
13
BIAS
Bias Bypass
14
VDD
Power Supply
—
Exposed Pad
Exposed paddle. Connect to GND.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2) (3)
Supply Voltage, continuous(1)
6V
Storage Temperature
−65°C to +150°C
Input Voltage
−0.3V to VDD + 0.3V
Power Dissipation(4)
Internally Limited
ESD Rating(5)
2500V
ESD Rating(6)
300V
Junction Temperature
150°C
θJA
(7)
37.8°C/W
Thermal Resistance
θJC
5.2°C/W
Lead Temperature (Soldering 4 sec)
260°C
For detailed information on soldering plastic HTSSOP and LLP packages, refer to the Packaging Data Book available from Texas
Instruments.
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Recommended Operating Conditions is not implied. The Recommended Operating
Conditions indicate conditions at which the device is functional and the device should not be operated beyond such conditions. All
voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
The Electrical Characteristics tables list ensured specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not ensured.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(4)
θJA measured with a 4 layer JEDEC board.
(5)
Human body model, applicable std. JESD22-A114C.
(6)
Machine model, applicable std. JESD22-A115-A.
(7)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature,
TA. The maximum allowable power dissipation is PDMAX = (TJMAX - TA) / θJA or the number given in Absolute Maximum Ratings,
whichever is lower.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM48100Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com