Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2512I Datasheet(PDF) 25 Page - Microchip Technology

Part # USB2512I
Description  USB 2.0 Hi-Speed Hub Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2512I Datasheet(HTML) 25 Page - Microchip Technology

Back Button USB2512I Datasheet HTML 21Page - Microchip Technology USB2512I Datasheet HTML 22Page - Microchip Technology USB2512I Datasheet HTML 23Page - Microchip Technology USB2512I Datasheet HTML 24Page - Microchip Technology USB2512I Datasheet HTML 25Page - Microchip Technology USB2512I Datasheet HTML 26Page - Microchip Technology USB2512I Datasheet HTML 27Page - Microchip Technology USB2512I Datasheet HTML 28Page - Microchip Technology USB2512I Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 63 page
background image
USB 2.0 Hi-Speed Hub Controller
Datasheet
SMSC USB251xB/xBi
25
Revision 2.2 (02-17-12)
DATASHEET
behaviors provide battery charging even when the hub is not enumerated and protect the hub from
sustained short circuit conditions. If the short circuit condition persists when the hub is plugged into a
host system the user is notified that a port has an over-current condition. Otherwise PRTPWR turned
on by the host system and the ports operate normally.
4.2
Battery Charging Configuration
The battery charging option can be configured in one of two ways:
When the hub is brought up in the default configuration with strapping options enabled, with the
PRTPWR[x:1]/BC_EN[x:1] pins configured. See the following sections for details:
— Section 3.3: Pin Descriptions (Grouped by Function) on page 19
— Section 3.3.1.2: Internal Pull-Down (IPD) on page 22
When the hub is initialized for configuration over I2C EEPROM or SMBus. Either of these interfaces
can be used to configure the battery charging option.
4.2.1
Battery Charging enabled via I2C EEPROM or SMBus
Register memory map location 0xD0 is allocated for battery charging support. The Battery Charging
register at location 0xD0 starting from bit 1 enables battery charging for each downstream port when
asserted. Bit 1 represents port 1, bit 2 represents port 2, etc. Each port with battery charging enabled
asserts the corresponding PRTPWR[x:1] pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com