Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2512I Datasheet(PDF) 56 Page - Microchip Technology

Part # USB2512I
Description  USB 2.0 Hi-Speed Hub Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2512I Datasheet(HTML) 56 Page - Microchip Technology

Back Button USB2512I Datasheet HTML 52Page - Microchip Technology USB2512I Datasheet HTML 53Page - Microchip Technology USB2512I Datasheet HTML 54Page - Microchip Technology USB2512I Datasheet HTML 55Page - Microchip Technology USB2512I Datasheet HTML 56Page - Microchip Technology USB2512I Datasheet HTML 57Page - Microchip Technology USB2512I Datasheet HTML 58Page - Microchip Technology USB2512I Datasheet HTML 59Page - Microchip Technology USB2512I Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 63 page
background image
USB 2.0 Hi-Speed Hub Controller
Datasheet
Revision 2.2 (02-17-12)
56
SMSC USB251xB/xBi
DATASHEET
Chapter 7 AC Specifications
7.1
Oscillator/Crystal
Crystal: Parallel resonant, fundamental mode, 24 MHz
±350 ppm
Figure 7.1 Typical Crystal Circuit
Figure 7.2 Formula to Find the Value of C1 and C2
Note 7.1
C0 is usually included (subtracted by the crystal manufacturer) in the specification for CL
and should be set to 0 for use in the calculation of the capacitance formulas in Figure 7.2.
However, the PCB itself may present a parasitic capacitance between XTALIN and
XTALOUT. For an accurate calculation of C1 and C2, take the parasitic capacitance
between traces XTALIN and XTALOUT into account.
Note 7.2
Each of these capacitance values is typically around 18 pF.
Table 7.1 Crystal Circuit Legend
SYMBOL
DESCRIPTION
IN ACCORDANCE WITH
C0
Crystal shunt capacitance
Crystal manufacturer’s specification (Note 7.1)
CL
Crystal load capacitance
CB
Total board or trace capacitance
OEM board design
CS
Stray capacitance
SMSC IC and OEM board design
CXTAL
XTAL pin input capacitance
SMSC IC
C1
Load capacitors installed on OEM
board
Calculated values based on Figure 7.2 (Note 7.2)
C2
C1
C2
CL
1 M
Crystal
XTAL2
(CS2 = CB2 + CXTAL2 )
XTAL1
(CS1 = CB1 + CXTAL1 )
C0
C1 = 2 x (CL – C0) – CS1
C2 = 2 x (CL – C0) – CS2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com