Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2512I Datasheet(PDF) 63 Page - Microchip Technology

Part # USB2512I
Description  USB 2.0 Hi-Speed Hub Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2512I Datasheet(HTML) 63 Page - Microchip Technology

Back Button USB2512I Datasheet HTML 55Page - Microchip Technology USB2512I Datasheet HTML 56Page - Microchip Technology USB2512I Datasheet HTML 57Page - Microchip Technology USB2512I Datasheet HTML 58Page - Microchip Technology USB2512I Datasheet HTML 59Page - Microchip Technology USB2512I Datasheet HTML 60Page - Microchip Technology USB2512I Datasheet HTML 61Page - Microchip Technology USB2512I Datasheet HTML 62Page - Microchip Technology USB2512I Datasheet HTML 63Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 63 / 63 page
background image
USB 2.0 Hi-Speed Hub Controller
Datasheet
SMSC USB251xB/xBi
63
Revision 2.2 (02-17-12)
DATASHEET
Datasheet Revision History
Customer Revision History
REVISION LEVEL & DATE
SECTION/FIGURE/ENTRY
CORRECTION
Rev. 2.2 (02-17-12)
Cover
Updated clock bullet to remove reference to
48MHz clock support.
Section 1.1: Configurable
Features
on page 8
Updated bulleted lists. USB signal drive strength,
USB differential pair pin location and downstream
port power control / over-current detection items
moved from first (strap-configurable) bulleted list
to the second (EEPROM-configurable) bulleted
list. Added enabling of battery charging to the first
bulleted list.
Section 3.1: Pin
Configurations
on page 11
Clarified introductory sentence.
Table 3.3: USB251xB/xBi Pin
Descriptions
on page 19
Updated VBUS_DET buffer type to “I” and
changed description to: “For self-powered
applications with a permanently attached host,
this pin must be connected to a dedicated host
control output, or connected to the 3.3 V domain
that powers the host (typically VDD33).”
Table 3.3: USB251xB/xBi Pin
Descriptions
on page 19
Updated CRFILT and PLLFILT pin descriptions.
Section 7.1: Oscillator/Crystal
on page 56
Removed redundant sentence: “External Clock:
50% duty cycle
± 10%, 24/48 MHz ± 350 ppm,
jitter < 100 ps rms”. This information is provided in
Section 7.2: External Clock on page 57.
Chapter 7: AC Specifications
Removed ceramic resonator information.
Section 7.2: External Clock
Replaced “1.8 V CMOS Logic” with “1.2 V CMOS
Logic”. Updated XTALOUT description.
Section 3.3: Pin Descriptions
(Grouped by Function)
Updated CRFILT and PLLFILT pin descriptions.
Cover, Package, All
Removed the 49-BGA option.
Order Code Page
Changed ordering codes for non-industrial
USB2513B and USB2514B. Last character was
changed from “G” to “C”.
Front page
Removed support for ceramic resonator.
Rev. 2.1 (02/24/11)
Section 6.1 and 6.2, DC
Parameters
The 1.2V supply information was added and the
graph that includes both 3.3 and 1.2 V rise time
was added for 49-BGA.
Rev. 2.1 (02/24/11)
All
Added the 49-BGA option.
Rev. 2.1 (02/22/11)
Section 6.2.1, Package
Thermal Specifications
Added Max Power Supported = (TJ, max.spec. - Tamb)/ ΘJA
Rev. 2.0 (10/01/10)
All
General refresh, corrected grammatical errors
and unified tone.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com