Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF1704E/2K Datasheet(PDF) 7 Page - Texas Instruments

Part # DF1704E/2K
Description  Stereo, 24-Bit, 96kHz 8X Oversampling Digital Interpolation Filter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DF1704E/2K Datasheet(HTML) 7 Page - Texas Instruments

Back Button DF1704E/2K Datasheet HTML 3Page - Texas Instruments DF1704E/2K Datasheet HTML 4Page - Texas Instruments DF1704E/2K Datasheet HTML 5Page - Texas Instruments DF1704E/2K Datasheet HTML 6Page - Texas Instruments DF1704E/2K Datasheet HTML 7Page - Texas Instruments DF1704E/2K Datasheet HTML 8Page - Texas Instruments DF1704E/2K Datasheet HTML 9Page - Texas Instruments DF1704E/2K Datasheet HTML 10Page - Texas Instruments DF1704E/2K Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
DF1704
7
SBAS099A
FIGURE 5. Audio Input Interface Timing.
FIGURE 4. Audio Data Input Formats.
LRCKIN
BCKIN
DIN
1.4V
1.4V
1.4V
t
BCH
t
BCL
t
LB
t
BL
t
DS
BCKIN Pulse Cycle Time
BCKIN Pulse Width HIGH
BCKIN Pulse Width LOW
BCKIN Rising Edge to LRCIN Edge
LRCIN Edge to BCKIN Rising Edge
DIN Set-up Time
DIN Hold Time
t
BCY
t
BCH
t
BCL
t
BL
t
LB
t
DS
t
DH
100ns (min)
50ns (min)
50ns (min)
30ns (min)
30ns (min)
30ns (min)
30ns (min)
t
DH
t
BCY
1
2
3
22
23
1/f
S
Lch
Rch
MSB
LSB
24
LRCIN
BCKIN
AUDIO DATA WORD = 24-BIT
DIN
1
2
3
1
2
3
22
23
MSB
LSB
24
(b) Left-Justified Format; Lch = “H”, Rch = “L”
1
2
15
1/f
S
Lch
Rch
MSB
LSB
16
LRCIN
BCKIN
AUDIO DATA WORD = 16-BIT
DIN
1
2
15
MSB
LSB
16
2
1
2
1
1
2
23
MSB
LSB
24
AUDIO DATA WORD = 24-BIT
DIN
1
2
23
MSB
LSB
24
(c) I2S Data Format (Philips Format); Lch = “L”, Rch = “H”
14
15
16
1
2
15
1/f
S
Lch
Rch
MSB
LSB
16
LRCIN
BCKIN
AUDIO DATA WORD = 16-BIT
(a) Standard Format (Sony Format); Lch = “H”, Rch = “L”
DIN
1
2
15
16
18
19
22
23
20
1
2
19
MSB
LSB
20
AUDIO DATA WORD = 20-BIT
DIN
1
2
19
20
24
1
2
23
MSB
LSB
24
AUDIO DATA WORD = 24-BIT
DIN
1
2
23
MSB
LSB
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com