Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF1704E/2K Datasheet(PDF) 1 Page - Texas Instruments

Part # DF1704E/2K
Description  Stereo, 24-Bit, 96kHz 8X Oversampling Digital Interpolation Filter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DF1704E/2K Datasheet(HTML) 1 Page - Texas Instruments

  DF1704E/2K Datasheet HTML 1Page - Texas Instruments DF1704E/2K Datasheet HTML 2Page - Texas Instruments DF1704E/2K Datasheet HTML 3Page - Texas Instruments DF1704E/2K Datasheet HTML 4Page - Texas Instruments DF1704E/2K Datasheet HTML 5Page - Texas Instruments DF1704E/2K Datasheet HTML 6Page - Texas Instruments DF1704E/2K Datasheet HTML 7Page - Texas Instruments DF1704E/2K Datasheet HTML 8Page - Texas Instruments DF1704E/2K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Stereo, 24-Bit, 96kHz
8X Oversampling Digital Interpolation Filter
49%
FPO
DF1704
TM
DESCRIPTION
The DF1704 is a high-performance, stereo, 8X oversampling
digital interpolation filter designed for high-end consumer
and professional audio applications. The DF1704 supports
24-bit, 96kHz operation and features user-programmable
functions, including selectable filter response, de-emphasis,
attenuation, and input/output data formats.
The DF1704 is the ideal companion for Texas Instruments’
PCM1704 24-bit audio digital-to-analog converter. This
combination allows for construction of very high-perfor-
mance audio systems and components.
FEATURES
q COMPANION DIGITAL FILTER FOR THE PCM1704
24-BIT AUDIO DAC
q HIGH PERFORMANCE FILTER:
Stopband Attenuation: –115dB
Passband Ripple:
±0.00005dB
q AUDIO INTERFACE:
Input Data Formats: Standard, Left-
Justified, and I2S
Input Word Length: 16, 20, or 24 Bits
Output Word Length: 16, 18, 20, or 24 Bits
Sampling Frequency: 32kHz to 96kHz
q PROGRAMMABLE FUNCTIONS:
Hardware or Software Control Modes
Sharp or Slow Roll-Off Filter Response
Soft Mute
Digital De-Emphasis
Independent Left/Right Digital Attenuation
DF17
04
Serial
Input
I/F
Mode
Control
I/F
8X Oversampling
Digital Filter with
Function
Controller
Crystal/OSC
XTI
SCK
XTO
CLKO
(SF0) (SF1) (SRO)
V
DD
V
SS
Output I/F
BCKO
WCKO
DOL
DOR
MC/LRIP
MD/CKO
LRCIN
DIN
BCKIN
MODE
ML/RESV
(MUTE)
RST
(DEM)
Power Supply
SBAS099A – MARCH 2001
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 1998, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
q SYSTEM CLOCK: 256f
S, 384fS, 512fS, 768fS
q ON-CHIP CRYSTAL OSCILLATOR
q +5V SINGLE-SUPPLY OPERATION
q SMALL SSOP-28 PACKAGE


Similar Part No. - DF1704E/2K

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DF1704E/2K BURR-BROWN-DF1704E/2K Datasheet
222Kb / 16P
Stereo, 24-Bit, 96kHz 8X Oversampling Digital Interpolation Filter DIGITAL-TO-ANALOG CONVERTER
DF1704E/2KG4 BURR-BROWN-DF1704E/2KG4 Datasheet
222Kb / 16P
Stereo, 24-Bit, 96kHz 8X Oversampling Digital Interpolation Filter DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DF1704E/2K

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8720 WOLFSON-WM8720 Datasheet
116Kb / 15P
24-bit, 96kHz Stereo DACwith Volume Control
logo
Burr-Brown (TI)
DF1704 BURR-BROWN-DF1704 Datasheet
222Kb / 16P
Stereo, 24-Bit, 96kHz 8X Oversampling Digital Interpolation Filter DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DF1706 TI-DF1706 Datasheet
291Kb / 16P
Stereo, 24-Bit, 192kHz 8x Oversampling Digital Interpolation Filter
logo
Wolfson Microelectronic...
WM8714 WOLFSON-WM8714 Datasheet
157Kb / 17P
24-bit, 96kHz Stereo DAC
logo
YAMAHA CORPORATION
YSF210B YAMAHA-YSF210B Datasheet
405Kb / 10P
22-bit Oversampling Digital Filter
logo
Wolfson Microelectronic...
WM8720 WOLFSON-WM8720_05 Datasheet
173Kb / 17P
24-bit, 96kHz Stereo DAC with Volume Control
logo
Asahi Kasei Microsystem...
AK4344 AKM-AK4344 Datasheet
553Kb / 24P
100dB 96kHz 24-Bit Stereo 3.3V ?誇 DAC
logo
Texas Instruments
PCM1704 TI-PCM1704 Datasheet
558Kb / 13P
SAMPLING FREQUENCY (fS): 16kHz to 96kHz, 8X OVERSAMPLING AT 96kHz
DF1706 TI1-DF1706_14 Datasheet
468Kb / 21P
Stereo, 24-Bit, 192kHz 8x Oversampling Digital Interpolation Filter
logo
Linear Technology
LTC2500-32 LINER-LTC2500-32 Datasheet
771Kb / 10P
32-Bit/24-Bit Oversampling ADCs with Configurable Digital Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com