Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF1704E/2K Datasheet(PDF) 12 Page - Texas Instruments

Part # DF1704E/2K
Description  Stereo, 24-Bit, 96kHz 8X Oversampling Digital Interpolation Filter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DF1704E/2K Datasheet(HTML) 12 Page - Texas Instruments

Back Button DF1704E/2K Datasheet HTML 8Page - Texas Instruments DF1704E/2K Datasheet HTML 9Page - Texas Instruments DF1704E/2K Datasheet HTML 10Page - Texas Instruments DF1704E/2K Datasheet HTML 11Page - Texas Instruments DF1704E/2K Datasheet HTML 12Page - Texas Instruments DF1704E/2K Datasheet HTML 13Page - Texas Instruments DF1704E/2K Datasheet HTML 14Page - Texas Instruments DF1704E/2K Datasheet HTML 15Page - Texas Instruments DF1704E/2K Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
DF1704
12
SBAS099A
MODE2 Register
The MODE2 register is used to program various functions:
MUT
Soft Mute Function.
When MUT = 0, Soft Mute is ON for both Left
and Right channels.
When MUT = 1, Soft Mute is OFF for both Left
and Right channels.
DEM
Digital De-Emphasis Function.
When DEM = 0, de-emphasis is OFF.
When DEM = 1, de-emphasis is ON.
IW[1:0]
Input Data Format and Word Length.
I2S
IW1
IW0
Description
0
0
0
16-Bit Data, Standard
Format (MSB-First,
Right-Justified)
0
0
1
20-Bit Data, Standard
Format
0
1
0
24-Bit Data, Standard
Format
0
1
1
24-Bit Data, MSB-First,
Left-Justified
1
0
0
16-Bit Data, I2S Format
1
0
1
24-Bit Data, I2S format
1
1
0
Reserved
1
1
1
Reserved
OW[1:0]
Output Data Word Length.
OW1 OW0
Description
0
0
16-Bit Data, MSB-First
0
1
18-Bit Data, MSB-First
1
0
20-Bit Data, MSB-First
1
1
24-Bit Data, MSB-First
MODE3 Register
The MODE3 register is used to program various functions.
I2S
Input Data Format.
When I2S = 0, standard or left-justified formats
are enabled.
When I2S = 1, the I2S formats are enabled.
LRP
LRCIN Polarity Selection.
When LRP = 0, Left channel is HIGH and Right
channel is LOW.
When LRP = 1, Left channel is LOW and Right
channel is HIGH.
ATC
Attenuator Control.
This bit is used to determine whether the Left
and Right channel attenuators operate with inde-
pendent data, or use common data (the Left
channel data in bits AL[7:0] of register MODE0).
When ATC = 0, the Left and Right channel
attenuator data is independent.
When ATC = 1, the Left and Right channel
attenuators use common data.
SRO
Digital Filter Roll-Off Selection.
When SRO = 0, sharp roll-off is selected.
When SRO = 1, slow roll-off is selected.
CKO
CLKO Output Frequency Selection.
When CKO = 0, the CLKO frequency is the
same as the clock at the XTI input.
When CKO =1, the CLKO frequency is half of
the XTI input clock frequency.
SF[1:0]
Sampling Frequency Selection for the De-Em-
phasis Function.
SF1 SF0
Description
0
0
44.1 kHz
0
1
Reserved
1
0
48 kHz
1
1
32 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com