Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF1112 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # REF1112
Description  10ppm1A, 1.25V SHUNT VOLTAGE REFERENCE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF1112 Datasheet(HTML) 5 Page - Texas Instruments

  REF1112 Datasheet HTML 1Page - Texas Instruments REF1112 Datasheet HTML 2Page - Texas Instruments REF1112 Datasheet HTML 3Page - Texas Instruments REF1112 Datasheet HTML 4Page - Texas Instruments REF1112 Datasheet HTML 5Page - Texas Instruments REF1112 Datasheet HTML 6Page - Texas Instruments REF1112 Datasheet HTML 7Page - Texas Instruments REF1112 Datasheet HTML 8Page - Texas Instruments REF1112 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
REF1112
5
SBOS283C
www.ti.com
APPLICATIONS INFORMATION
The REF1112 is a two-terminal bandgap reference diode
designed for high accuracy with outstanding temperature
characteristics at low operating currents. Precision thin-film
resistors result in 0.2% initial voltage accuracy and 50ppm/
°C
maximum temperature drift. The REF1112 is specified from
–40
°C to +85°C, with operation from –40°C to +125°C, and is
offered in a SOT23-3 package.
Typical connections for the REF1112 are shown in Figure 1.
A minimum 1
µA bias current is required to maintain a stable
output voltage and can be provided with a resistor con-
nected to the supply voltage. I
BIAS depends on the values
selected for R
BIAS and VS, and will vary as a sum of the
minimum operating current and the load current. To main-
tain stable operation, the value of R
BIAS must be low
enough to maintain the minimum operating current at the
minimum and maximum load and supply voltage levels.
FIGURE 1. Typical Connections.
A 0.1
µF load capacitor is recommended to maintain stabil-
ity under varying load conditions. A minimum 0.01
µF load
capacitor is required for stable operation. Start-up time for
the REF1112 will be affected, depending on the value of
load capacitance and the bias currents being used. A 1
µF
power-supply bypass capacitor is recommended to mini-
mize supply noise within the circuit.
The REF1112 shunt voltage reference provides a versatile
function for low power and space-conservative applications.
The REF1112 can be configured with an additional diode
and NPN transistor to provide a temperature compensated
current reference as shown in Figure 2. The REF112 can be
scaled to provide extremely low power reference voltages.
Figure 3 shows the REF1112 used as a 1V out, 3
µA voltage
reference, and in Figure 4 as a 2.5V reference on 1
µA.
FIGURE 2. REF1112 Provides a Stable Current Source.
FIGURE 3. MicroPOWER 3
µA 1V Voltage Reference.
FIGURE 4. 2.5V Reference on 1
µA.
I
BIAS = IREF + ILOAD
V
S
V
REF
R
BIAS
I
LOAD
I
BIAS =
V
S − VREF
R
BIAS
0.1
µF
I
REF
1
µF
V
S
I
SET
0.1
µF
R
SET
10k
Ω
I
SET =
V
REF
R
SET
0.1
µF
3V
3V
V
REF
V
OUT = 1V
795k
Ω
250k
Ω
1M
Ω
REF1112
TLV2401
0.1
µF
3V
R
LOAD
V
OUT = 2.5V
0.1
µF
R
SET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com